전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-LGA-6001 데이터시트(PDF) 4 Page - Ironwood Electronics.

부품명 SM-LGA-6001
상세설명  Self inductance under 0.21nH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-LGA-6001 데이터시트(HTML) 4 Page - Ironwood Electronics.

  SM-LGA-6001 Datasheet HTML 1Page - Ironwood Electronics. SM-LGA-6001 Datasheet HTML 2Page - Ironwood Electronics. SM-LGA-6001 Datasheet HTML 3Page - Ironwood Electronics. SM-LGA-6001 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3
17
2
1
6
5
9
7
4
8
13
10
15
11
16
18
14
2.50 (x2)
2.50
20.725
16.725
4X
1.70±0.10 THRU ALL
"H" BACKING PLATE
2.50
ITEM
NO.
DESCRIPTION
Material
1
#0-80 X .25 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
2
"H" Backing plate for 14x18mm IC
7075-T6 Aluminum Alloy
3
LGA60 1mm pitch PCB
4
SM-elastomer LGA60 14x18mm IC
Silmat
5
LGA60 1mm pitch IC
6
Alignment Pin 1/32" dia. x 1/8" lng
Chrome Stainless Steel
7
Socket Base 14x18mm
7075-T6 Aluminum Alloy
8
12mm Plastic Snap Clamshell Socket Lid
PPS/Ultem
9
Clamshell Latch Snap Lid Socket
PPS/Ultem
10
Compression Plate Plastic Snap lid 13mm
7075-T6 Aluminum Alloy
11
Coil Spring, 180 0.109" OD, SS
Stainless Steel (302)
12
Snap ring for 2mm Hinge pin 0.15" OD
13
2mm diameter Hinge Pin, 20 mm long
Alloy Steel
14
Dowel Pin, M1.5 X 20mm LG, 18-8 SS
Stainless Steel
15
Wave Spring 0.5" OD 0.18" H 143 lb/in
Carbon Steel SEA 1070-1090
16
Wave spring 6 lbs force 0.312" dia.
Plain Carbon Steel
17
IC guide With Flex SM 14x18mm LGA60
Torlon 4203
18
Flex layer LGA60 14x18mm IC
Polyamide
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt, Backing plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/11/2014
Material: Material <not specified>
Finish:
Weight: 14.68
SM-LGA-6001 Drawing
SCALE: 4:1
SHEET: 4 OF 4
ENG: B. Schatz
FILE: SM-LGA-6001 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SM-LGA-6001

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-LGA-6000 IRONWOOD-SM-LGA-6000 Datasheet
451Kb / 5P
   Self inductance under 0.21nH
SM-LGA-6002 IRONWOOD-SM-LGA-6002 Datasheet
455Kb / 5P
   Compression plate distributes forces evenly
More results

유사한 설명 - SM-LGA-6001

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-LGA-6000 IRONWOOD-SM-LGA-6000 Datasheet
451Kb / 5P
   Self inductance under 0.21nH
CBT-QFN-7005 IRONWOOD-CBT-QFN-7005 Datasheet
299Kb / 6P
   Self inductance 0.88nH
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com