전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74102E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 74102E3
상세설명  Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

74102E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  74102E3 Datasheet HTML 1Page - Vishay Siliconix 74102E3 Datasheet HTML 2Page - Vishay Siliconix 74102E3 Datasheet HTML 3Page - Vishay Siliconix 74102E3 Datasheet HTML 4Page - Vishay Siliconix 74102E3 Datasheet HTML 5Page - Vishay Siliconix 74102E3 Datasheet HTML 6Page - Vishay Siliconix 74102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
096 PLL-4TSI
www.vishay.com
Vishay BCcomponents
Revision: 14-Oct-16
2
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
PRINTED WIRING
Fig. 2 - Printed wiring pin version
(Case Ø D = 35 mm)
Fig. 3 - Mounting hole diagram viewed from component side
(Case Ø D = 35 mm)
Fig. 4 - Printed wiring pin version
(Case Ø D = 40 mm)
Fig. 5 - Mounting hole diagram viewed from component side
(Case Ø D = 40 mm)
FOUR TERMINAL SNAP-IN
Fig. 6 - 4-Terminal snap-in
Fig. 7 - Mounting hole diagram
Pin number 1 is the positive terminal. Pin “-” is the negative terminal.
Pin numbers 2, 3 and 4 (if present) should be free from the electrical circuit or connected to the minus terminal.
CCA976-1
L
Ø D
+ 1 max.
L +
5 max.
4.9
± 0.2
1.3
(4 x)
7.5 ± 0.1
2.5
1
2
3
-
15 ± 0.1
17.5 ± 0.1
L
Ø D
+ 1 max.
L + 5 max.
5.1 ± 0.1
20 ± 0.1
1.3 (5 x)
10 ± 0.1
17.5 ± 0.1
2.5
20 ± 0.1
1
2
3
4
-
22.5
Ø D
Bottom view
L
max.
6.3 ± 1
60°
60°
dummy
dummy
C
B
A
2 ± 0.1
(4 x)
22.5 ± 0.1
60°
60°
Dummy terminals (A and C) must be free from the electrical circuit


유사한 부품 번호 - 74102E3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
7410 NSC-7410 Datasheet
93Kb / 4P
   Triple 3-Input NAND Gates
logo
Heyco.
7410 HEYCO-7410 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
Winchester Electronics ...
7410-1 WINCHESTER-7410-1 Datasheet
42Kb / 1P
   ADAPTER, M-F, PATCH-BNC
7410-11 WINCHESTER-7410-11 Datasheet
83Kb / 1P
   PATCH PLUG
7410-13 WINCHESTER-7410-13 Datasheet
54Kb / 1P
   PATCH PLUG
More results

유사한 설명 - 74102E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL-4TSI VISHAY-096PLL-4TSI Datasheet
106Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 08-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com