전자부품 데이터시트 검색엔진 |
|
74122E3 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
74122E3 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 7 page 096 PLL-4TSI www.vishay.com Vishay BCcomponents Revision: 14-Oct-16 3 Document Number: 28392 For technical questions, contact: aluminumcaps2@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Table 1 Note • Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 % ORDERING EXAMPLE Electrolytic capacitor 096 series 820 μF / 385 V; Printed wiring: Ordering code: MAL2 096 18821 E3 Former 12NC: 2222 096 18821 4-terminal snap-in: Ordering code: MAL2 096 68821 E3 Former 12NC: 2222 096 68821 Table 2 DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES NOMINAL CASE SIZE Ø D x L Ø DMAX. 4T-SI Lmax. PW L + 5 MASS (g) PACKAGING QUANTITIES (units per box) CARDBOARD BOX DIMENSIONS L x W x H 35 x 50 36 52 55 72 50 390 x 198 x 60 35 x 60 36 62 65 91 50 390 x 198 x 70 35 x 70 36 72 75 103 50 377 x 375 x 97 35 x 80 36 82 85 115 50 377 x 375 x 107 35 x 100 36 102 105 151 50 377 x 375 x 127 40 x 40 41 42 45 70 50 440 x 223 x 60 40 x 50 41 52 55 94 50 440 x 223 x 70 40 x 60 41 62 65 118 25 230 x 230 x 80 40 x 70 41 72 75 134 25 230 x 230 x 90 40 x 80 41 82 85 150 25 230 x 230 x 100 40 x 100 41 102 105 176 25 230 x 230 x 120 45 x 40 46 42 - 88 36 TBD 45 x 50 46 52 - 119 36 377 x 375 x 77 45 x 60 46 62 - 150 36 377 x 375 x 87 45 x 70 46 72 - 170 36 377 x 375 x 97 45 x 80 46 82 - 190 36 377 x 375 x 107 45 x 100 46 102 - 250 36 377 x 375 x 127 ELECTRICAL DATA SYMBOL DESCRIPTION CR Rated capacitance at 100 Hz IR Rated RMS ripple current at 100 Hz and 85 °C IL5 Max. leakage current after 5 min at UR ESR Max. equivalent series resistance at 100 Hz Z Max. impedance at 10 kHz ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR 100 Hz (μF) NOMINAL CASE SIZE Ø D x L (mm) IR 100 Hz 85 °C (A) IL5 5 min (μA) ESR 100 Hz (m ) Zmax. 10 kHz (m ) CATALOG NUMBER MAL2096....... 4T-SI PW 350 820 35 x 50 4.0 578 126 82 15821E3 65821E3 820 40 x 40 3.8 578 134 90 25821E3 75821E3 1000 35 x 60 4.7 704 104 67 15102E3 65102E3 1000 40 x 50 4.8 704 108 72 25102E3 75102E3 1200 35 x 70 5.3 844 87 57 15122E3 65122E3 1200 40 x 60 5.4 844 90 59 25122E3 75122E3 1500 35 x 80 6.0 1054 71 47 15152E3 65152E3 1500 40 x 70 6.2 1054 73 49 25152E3 75152E3 1500 45 x 60 6.3 1054 76 52 35152E3 - 1800 40 x 80 6.9 1264 62 41 25182E3 75182E3 1800 45 x 60 6.6 1264 68 48 35182E3 - 2200 40 x 100 8.2 1544 51 34 25222E3 75222E3 2200 45 x 70 7.4 1544 57 41 35222E3 - 2700 45 x 100 9.2 1894 44 30 35272E3 - |
유사한 부품 번호 - 74122E3 |
|
유사한 설명 - 74122E3 |