전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC-08 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 DAC-08
상세설명  8-bit high-speed multiplying D/A converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button DAC-08 Datasheet HTML 2Page - NXP Semiconductors DAC-08 Datasheet HTML 3Page - NXP Semiconductors DAC-08 Datasheet HTML 4Page - NXP Semiconductors DAC-08 Datasheet HTML 5Page - NXP Semiconductors DAC-08 Datasheet HTML 6Page - NXP Semiconductors DAC-08 Datasheet HTML 7Page - NXP Semiconductors DAC-08 Datasheet HTML 8Page - NXP Semiconductors DAC-08 Datasheet HTML 9Page - NXP Semiconductors DAC-08 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
6
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
DAC-08C
DAC-08E
DAC-08H
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
UNIT
tS
Settling time
To
± 1/2LSB, all bits
switched on or off,
Tamb = 25 °C
70
135
70
135
70
135
ns
Propagation delay
tPLH
Low-to-High
Tamb = 25 °C, each bit.
ns
tPHL
High-to-Low
All bits switched
35
60
35
60
35
60
TEST CIRCUITS
CONTROL
LOGIC
DAC-08
REFERENCE DAC
ACCURACY > 0.006%
NE5534
ERROR
OUTPUT
V–
V+
+
16
14
15
5-12
1
2
4
13
3
VREF
RREF
Rf
R15
SL00003
Figure 3. Relative Accuracy Test Circuit
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
USE RL to GND
FOR TURN OFF
MEASUREMENT
SETTLING TIME
TRANSIENT
RESPONSE
eIN
2.4 V
0.4 V
1.0 V
0
0
-100 mV
1.4 V
RL = 500 Ω
RL = 50 Ω
PIN 4 TO GND
tS = 70 ns TYPICAL
TO
±1/2 LSB
tPHL = tPLH = 10 ns
tPHL
tPLH
CO ≤ 25 pF
15 pF
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
eIN
eO
0.1
µF
0.1
µF
0.1
µF
RL
+2.0 VDC
SL00004
1.0 k
1.0 k
51
Figure 4. Transient Response and Settling Time


유사한 부품 번호 - DAC-08

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
DAC-08 ONSEMI-DAC-08 Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
logo
DATEL, Inc.
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812-QL DATEL-DAC-0812-QL Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812/883 DATEL-DAC-0812/883 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812SE DATEL-DAC-0812SE Datasheet
104Kb / 1P
   Digital-to-Analog Converters
More results

유사한 설명 - DAC-08

제조업체부품명데이터시트상세설명
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com