전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB28U 데이터시트(PDF) 5 Page - StarHope

부품명 TSB28U
상세설명  TSB(480W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSB28U 데이터시트(HTML) 5 Page - StarHope

  TSB28U Datasheet HTML 1Page - StarHope TSB28U Datasheet HTML 2Page - StarHope TSB28U Datasheet HTML 3Page - StarHope TSB28U Datasheet HTML 4Page - StarHope TSB28U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 5 of 5
TSB(480W) Series
Packing Options And Reel Specification-DO-214AC
0.157
(4.0)
0.47
(12.0)
0.157
(4.0)
0.49
(12.4)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
TSB***
5000
330
EIA RS-481
13.0(330)
REV 2017
..03 01
.


유사한 부품 번호 - TSB28U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TSB2 ETC1-TSB2 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
TSB20 ETC1-TSB20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Bothhand USA, LP.
TSB20L BOTHHAND-TSB20L Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
logo
List of Unclassifed Man...
TSB21 ETC1-TSB21 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
TSB2122C ETC-TSB2122C Datasheet
275Kb / 1P
   IF Filter
More results

유사한 설명 - TSB28U

제조업체부품명데이터시트상세설명
logo
Littelfuse
TSB LITTELFUSE-TSB Datasheet
563Kb / 2P
   Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Lapp.
19114000 LAPP-19114000 Datasheet
128Kb / 2P
   EPIC® H-B 24 TSB
17.09.2018
logo
Inventronics Inc.
DS-ESD-480SXXXDT INVENTRONICS-DS-ESD-480SXXXDT Datasheet
880Kb / 14P
   480W Programmable IP67 Driver
Rev. D
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
   480W Din Rail Mount
logo
Inventronics Inc.
DS-ESD-480SXXXDV INVENTRONICS-DS-ESD-480SXXXDV Datasheet
711Kb / 13P
   480W Programmable IP67 Driver
Rev. B
logo
Weidmuller
2838490000 WEIDMULLER-2838490000 Datasheet
745Kb / 5P
   PRO BAS 480W 48V 10A
logo
PHOENIX CONTACT
107888 PHOENIX-107888 Datasheet
815Kb / 28P
   UNO2-PS/1AC/24DC/480W
2020-02-14
logo
Weidmuller
2838480000 WEIDMULLER-2838480000 Datasheet
744Kb / 5P
   PRO BAS 480W 24V 20A
logo
PULS GmbH
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com