전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSE8.0U 데이터시트(PDF) 1 Page - StarHope

부품명 TSE8.0U
상세설명  TSE(3600W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSE8.0U 데이터시트(HTML) 1 Page - StarHope

  TSE8.0U Datasheet HTML 1Page - StarHope TSE8.0U Datasheet HTML 2Page - StarHope TSE8.0U Datasheet HTML 3Page - StarHope TSE8.0U Datasheet HTML 4Page - StarHope TSE8.0U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 1 of 5
Features
For surface mounted applications in order to optimize board space
Pb-free plated
Peak Power is 3600W@1ms
ESD Rating of Class X (> 15 kV) (IEC6100-4-2)
Response Time is Typically<1 ns
Low profile package
Typical IR less than 2µA above 10V
Low inductance
Excellent clamping capability
AEC-Q101
TSE(3600W) Series
Applications
I/O interface
AC/DC power supply
Low frequency signal transmission line (RS232, RS485, etc.)
Mechanical Characteristics
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
Standard Packaging: 16mm tape (EIA STD RS-481)
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings And Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on 8.0mm x 8.0mm Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IFSM
TJ , TSTG
Minimum
3600
-55 to
+150
300
Watts
Amps
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
..
.
REV 2016 08 10


유사한 부품 번호 - TSE8.0U

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TSE8 ETC1-TSE8 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

유사한 설명 - TSE8.0U

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
   3600W Transient Voltage Suppressors Family
logo
Diodes Incorporated
DM5W10AQ DIODES-DM5W10AQ Datasheet
579Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
Diodes Incorporated
DM5W10A DIODES-DM5W10A Datasheet
862Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM5W27Q DIODES-DM5W27Q Datasheet
549Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Bel Fuse Inc.
PFE3600-12-069RA BEL-PFE3600-12-069RA Datasheet
2Mb / 26P
   3600W AC-DC FRONT-END POWER SUPPLY
logo
Taiwan Semiconductor Co...
TLD5S10AH TSC-TLD5S10AH Datasheet
353Kb / 5P
   3600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
SM5Z UNSEMI-SM5Z Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
logo
Molex Electronics Ltd.
38969-0002 MOLEX-38969-0002 Datasheet
152Kb / 2P
   TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com