전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1078X 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1078X
상세설명  N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1078X 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1078X Datasheet HTML 1Page - Vishay Siliconix SI1078X Datasheet HTML 2Page - Vishay Siliconix SI1078X Datasheet HTML 3Page - Vishay Siliconix SI1078X Datasheet HTML 4Page - Vishay Siliconix SI1078X Datasheet HTML 5Page - Vishay Siliconix SI1078X Datasheet HTML 6Page - Vishay Siliconix SI1078X Datasheet HTML 7Page - Vishay Siliconix SI1078X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si1078X
www.vishay.com
Vishay Siliconix
S16-1056-Rev. A, 30-May-16
3
Document Number: 68549
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-to-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
Gate Current vs. Gate-to-Source Voltage
Transfer Characteristics
Capacitance
10
100
1000
10000
0
0.001
0.002
0.003
0.004
0.005
0.006
0369
12
15
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
J = 25 °C
10
100
1000
0
1
2
3
4
5
6
00.5
11.5
2
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 3 V
V
GS = 2 V
10
100
1000
10000
0.05
0.08
0.11
0.14
0.17
0.2
0
1.5
3
4.5
6
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
V
GS = 2.5 V
10
100
1000
10000
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
0369
12
15
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
J = 150 °C
T
J = 25 °C
10
100
1000
10000
0
0.5
1
1.5
2
2.5
3
00.5
11.5
22.5
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
33
66
99
132
165
0
6
12
18
24
30
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss


유사한 부품 번호 - SI1078X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1078X VISHAY-SI1078X Datasheet
222Kb / 8P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1078X VISHAY-SI1078X_V01 Datasheet
222Kb / 8P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1078X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com