전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2302DDS 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI2302DDS
상세설명  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2302DDS 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI2302DDS Datasheet HTML 1Page - Vishay Siliconix SI2302DDS Datasheet HTML 2Page - Vishay Siliconix SI2302DDS Datasheet HTML 3Page - Vishay Siliconix SI2302DDS Datasheet HTML 4Page - Vishay Siliconix SI2302DDS Datasheet HTML 5Page - Vishay Siliconix SI2302DDS Datasheet HTML 6Page - Vishay Siliconix SI2302DDS Datasheet HTML 7Page - Vishay Siliconix SI2302DDS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si2302DDS
Document Number: 63653
S11-2528-Rev. A, 26-Dec-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switching for Portable Devices
DC/DC Converter
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Pulse width limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω) Max.
ID (A)
Qg (Typ.)
20
0.057 at VGS = 4.5 V
2.9
3.5
0.075 at VGS = 2.5 V
2.6
Ordering Information: Si2302DDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
* Marking Code
Si2302DDS (O2)*
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
2.9
2.6
A
TA = 70 °C
2.3
2.1
Pulsed Drain Current (t = 300 µs)b
IDM
10
Continuous Source Current (Diode Conduction)a
IS
0.72
0.6
Power Dissipationa
TA = 25 °C
PD
0.86
0.71
W
TA = 70 °C
0.55
0.46
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
120
145
°C/W
Steady State
140
175
Maximum Junction-to-Foot
Steady State
RthJF
62
78


유사한 부품 번호 - SI2302DDS

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI2302DDS TFUNK-SI2302DDS Datasheet
209Kb / 8P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI2302DDS VISHAY-SI2302DDS Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI2302DDS VISHAY-SI2302DDS Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI2302DDS-T1-GE3 VISHAY-SI2302DDS-T1-GE3 Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI2302DDS VISHAY-SI2302DDS_V01 Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
More results

유사한 설명 - SI2302DDS

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com