전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX584C27-V-G 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BZX584C27-V-G
상세설명  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX584C27-V-G 데이터시트(HTML) 2 Page - Vishay Siliconix

  BZX584C27-V-G Datasheet HTML 1Page - Vishay Siliconix BZX584C27-V-G Datasheet HTML 2Page - Vishay Siliconix BZX584C27-V-G Datasheet HTML 3Page - Vishay Siliconix BZX584C27-V-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX584C-V-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 19-Dec-13
2
Document Number: 82390
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LAEKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM. MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX584C2V4-V-G
.2
2.2
2.4
2.6
5
1
50
1
70 (
 100) 275 ( 600)
- 9
- 4
BZX584C2V7-V-G
.3
2.5
2.7
2.9
5
1
20
1
75 (
 100) 300 ( 600)
- 9
- 4
BZX584C3V0-V-G
.4
2.8
3.0
3.2
5
1
10
1
80 (
 95)
325 (
 600)
- 9
- 3
BZX584C3V3-V-G
.5
3.1
3.3
3.5
5
1
5
1
85 (
 95)
350 (
 600)
- 8
- 3
BZX584C3V6-V-G
.6
3.4
3.6
3.8
5
1
5
1
85 (
 90)
375 (
 600)
- 8
- 3
BZX584C3V9-V-G
.7
3.7
3.9
4.1
5
1
3
1
85 (
 90)
400 (
 600)
- 7
- 3
BZX584C4V3-V-G
.8
4
4.3
4.6
5
1
3
1
80 (
 90)
410 (
 600)
- 6
- 1
BZX584C4V7-V-G
.9
4.4
4.7
5
5
1
3
2
50 (
 80)
425 (
 500)
- 5
2
BZX584C5V1-V-G
.1
4.8
5.1
5.4
5
1
2
2
40 (
 60)
400 (
 480)
- 3
4
BZX584C5V6-V-G
.0
5.2
5.6
6
5
1
1
2
15 (
 40)
80 (
 400)
- 2
6
BZX584C6V2-V-G
5.8
6.2
6.6
5
1
3
4
6 (
 10)
40 (
 150)
- 1
7
BZX584C6V8-V-G
6.4
6.8
7.2
5
1
2
4
6 (
 15)
30 (
 80)
2
7
BZX584C7V5-V-G
7
7.5
7.9
5
1
1
5
6 (
 15)
30 (
 80)
3
7
BZX584C8V2-V-G
7.7
8.2
8.7
5
1
0.7
5
6 (
 15)
40 (
 80)
4
7
BZX584C9V1-V-G
8.5
9.1
9.6
5
1
0.5
6
6 (
 15)
40 (
 100)
5
8
BZX584C10-V-G
9.4
10
10.6
5
1
0.2
7
8 (
 20)
50 (
 150)
5
8
BZX584C11-V-G
10.4
11
11.6
5
1
0.1
8
10 (
 20)
50 (
 150)
5
9
BZX584C12-V-G
11.4
12
12.7
5
1
0.1
8
10 (
 25)
50 (
 150)
6
9
BZX584C13-V-G
12.4
13
14.1
5
1
0.1
8
10 (
 30)
50 (
 170)
7
9
BZX584C15-V-G
13.8
15
15.6
5
1
0.1
8
10 (
 30)
50 (
 200)
7
9
BZX584C16-V-G
15.3
16
17.1
5
1
0.05
0.7 VZnom.
10 (
 40)
50 (
 200)
8
9.5
BZX584C18-V-G
16.8
18
19.1
5
1
0.05
0.7 VZnom.
10 (
 45)
50 (
 225)
8
9.5
BZX584C20-V-G
18.8
20
21.2
5
1
0.05
0.7 VZnom.
15 (
 55)
60 (
 225)
8
10
BZX584C22-V-G
20.8
22
23.3
5
1
0.05
0.7 VZnom.
20 (
 55)
60 (
 250)
8
10
BZX584C24-V-G
22.8
24
25.6
5
1
0.05
0.7 VZnom.
25 (
 70)
60 (
 250)
8
10
BZX584C27-V-G
25.1
27
28.9
2
0.5
0.05
0.7 VZnom.
25 (
 80)
65 (
 300)
8
10
BZX584C30-V-G
.K
28
30
32
2
0.5
0.05
0.7 VZnom.
30 (
 80)
70 (
 300)
8
10
BZX584C33-V-G
31
33
35
2
0.5
0.05
0.7 VZnom.
35 (
 80)
75 (
 325)
8
10
BZX584C36-V-G
34
36
38
2
0.5
0.05
0.7 VZnom.
35 (
 90)
80 (
 350)
8
10
BZX584C39-V-G
37
39
41
2
0.5
0.05
0.7 VZnom.
40 (
 130)
80 (
 350)
10
12
BZX584C43-V-G
40
43
46
2
0.5
0.05
0.7 VZnom.
45 (
 150)
85 (
 375)
10
12
BZX584C47-V-G
. L
44
47
50
2
0.5
0.05
0.7 VZnom.
50 (
 170)
85 (
 375)
10
12
BZX584C51-V-G
. M
48
51
54
2
0.5
0.05
0.7 VZnom.
60 (
 180)
85 (
 400)
10
12
1
.
2
.
4
. 4
.
5
.
7
.
9
.
P
.
R
.


유사한 부품 번호 - BZX584C27-V-G

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX584C27-V-G VISHAY-BZX584C27-V-G Datasheet
64Kb / 4P
   Small Signal Zener Diodes
Rev. 1.0, 14-Oct-10
More results

유사한 설명 - BZX584C27-V-G

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com