전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR318ARJ-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADR318ARJ-REEL7
상세설명  Precision Low Drift SOT-23 Voltage Reference with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR318ARJ-REEL7 데이터시트(HTML) 7 Page - Analog Devices

  ADR318ARJ-REEL7 Datasheet HTML 1Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 2Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 3Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 4Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 5Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 6Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 7Page - Analog Devices ADR318ARJ-REEL7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADR318
–7–
APPLICATIONS
Basic Voltage Reference Connection
The circuit in Figure 2 illustrates the basic configuration for the
ADR318. Decoupling capacitors are not required for circuit stability.
The ADR318 is capable of driving capacitative loads from 0
µF to
10
µF. However, a 0.1 µF ceramic output capacitor is recommended
to absorb and deliver the charge as is required by a dynamic load.
SHUTDOWN
INPUT
SHDN
ADR318
GND
VOUT(F)
VOUT(S)
VIN
CI
0.1 F
CO
OUTPUT
0.1 F
Figure 2. Voltage Reference Connection
Precision Negative Voltage Reference without Precision Resistors
A negative reference can be easily generated by combining the
ADR318 with an op amp. Figure 3 shows this simple negative
reference configuration. VOUT(F) and VOUT(S) are at virtual ground
and therefore the negative reference can be taken directly from
the output of the op amp. The op amp should be a dual-supply,
low offset, rail-to-rail amplifier, such as the OP1177.
VOUT(S)
VOUT(F)
ADR318
SHDN
+VDD
GND
–VREF
VIN
OP1177
–VSS
Figure 3. Negative Reference
General-Purpose Current Source
Many times in low power applications, the need arises for a preci-
sion current source that can operate on low supply voltages. As
shown in Figure 4, the ADR318 can be configured as a precision
current source. The circuit configuration illustrated is a floating
current source with a grounded load. The reference’s output voltage
is bootstrapped across R1, which sets the output current into the
load. With this configuration, circuit precision is maintained for
load currents in the range from the reference’s supply current,
typically 90 mA to approximately 5 mA. The supply current is a
function of ISET and will increase slightly at a given ISET.
VOUT(S)
ISY (ISET)
ISET
VOUT(F)
ADR318
+VDD
GND
VIN
U1
SHDN
0.1 F
R1
RL
ISY
ADJ
IOUT = ISET + ISV (ISET)
Figure 4. General-Purpose Current Source


유사한 부품 번호 - ADR318ARJ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results

유사한 설명 - ADR318ARJ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com