전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL06 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 KBL06
상세설명  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBL06 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KBL06 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBL06 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBL06 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBL005--KBL10
Document Number: KBL802AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRV
Surge overload rating to 150 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBL005
KBL01
KBL02
KB03
KBL04
KBL06
KBL08
KBL10
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward Output current
@TA=50℃
IF(AV)
4.0
A
Peak forward surge current
8.3msingle half-sine-wave
superimposed on rated load
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
KBL005
KBL01
KBL02
KB03
KBL04
KBL06
KBL08
KBL10
UNITS
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBL005
KBL01
KBL02
KB03
KBL04
KBL06
KBL08
KBL10
UNITS
Maximum instantaneous forward voltage
@2.0A
VF
1.0
V
Maximum
reverse
current
@TA=25℃
at rated DC blocking voltage @TA=100℃
IR
10
1.0
μ A
m A
Pb
Lead-free


유사한 부품 번호 - KBL06

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
KBL06 NJSEMI-KBL06 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBL06 SEMTECH-KBL06 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBL06 VISHAY-KBL06 Datasheet
102Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
SynSemi, Inc.
KBL06 SYNSEMI-KBL06 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
HY ELECTRONIC CORP.
KBL06 HY-KBL06 Datasheet
391Kb / 3P
   Silicon Bridge Rectifiers
More results

유사한 설명 - KBL06

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com