전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3301 데이터시트(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-3301
상세설명  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3301 데이터시트(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3301 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, minimum increment 1300 pcs/bag
02
Tape & Reel, straight leads, minimum increment 1300 pcs/bag
B1
Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
B2
Right Angle Housing, even leads, minimum increment 500 pcs/bag
DD
Ammo Pack, straight leads with minimum increment 2K/pack
R4
Tape & Reel, straight leads, counter clockwise, anode lead leaving the reel first
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Avago repre-
sentative for further clarification/information.


유사한 부품 번호 - HLMP-3301

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-3301 QT-HLMP-3301 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-3301 FAIRCHILD-HLMP-3301 Datasheet
101Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301-D0000 HP-HLMP-3301-D0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

유사한 설명 - HLMP-3301

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com