전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-C115 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-C115
상세설명  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C115 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C115 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HLMP-C115, HLMP-C123, HLMP-C215, HLMP-C223,
HLMP-C315, HLMP-C323, HLMP-C415, HLMP-C423,
HLMP-C515, HLMP-C523, HLMP-C615, HLMP-C623
T-1¾ Super Ultra-Bright LED Lamps
Data Sheet
Description
Thesenon-diffusedlampsaredesignedtoproduceabright
light source and smooth radiation pattern. This lamp has
been designed with a 20 mil lead frame, enhanced flange,
and tight meniscus controls, making it compatible with
radial lead automated insertion equipment.
Applications
• Ideal for backlighting front panels*
• Used for lighting switches
• Adapted for indoor and outdoor signs
Features
• Very high intensity
• Exceptional uniformity
• Consistent viewability
All colors:
AlGaAs Red
High Efficiency Red
Yellow
Orange
Green
Emerald Green
• 15° and 25° family
• Tape and reel options available
• Binned for color and intensity


유사한 부품 번호 - HLMP-C115

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-C115 HP-HLMP-C115 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-C115-L0000 HP-HLMP-C115-L0000 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

유사한 설명 - HLMP-C115

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com