전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9023-CFY 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 GS9023-CFY
상세설명  Embedded Audio CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS9023-CFY 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GS9023-CFY Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 4Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 5Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 6Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 7Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 8Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 9Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 10Page - List of Unclassifed Manufacturers GS9023-CFY Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
GENNUM CORPORATION
522 - 45 - 05
7
DETAILED DESCRIPTION
The GS9023 has two main modes of operation: Multiplex
Mode and Demultiplex Mode. In Multiplex Mode, which is
selected by setting the DEMUX/MUX input pin LOW, digital
audio is embedded into a digital video stream. In
Demultiplex Mode, which is selected by setting the DEMUX/
MUX input pin HIGH, digital audio is extracted from a digital
video stream. Tables 14 and 15 contain Host Interface
Register descriptions for the Multiplex and Demultiplex
Modes respectively.
MULTIPLEX MODE
Video Clock Input
A master video clock must be supplied to the PCLK pin
corresponding
to
the
selected
video
standard.
The
supported video input standards and corresponding clock
frequencies are listed in Table 1.
Video Data Input
The video data DIN[9:0] is clocked into the GS9023 on the
rising edge of PCLK. The video clock frequency must
correspond to the video input standard selected. This is
done via the “VSEL” bit of Host Interface Register #0h.
When “VSEL” is LOW, the video input standard is selected
by the VM[2:0] and TRS input pins. When “VSEL” is HIGH,
the video input standard is selected by the “VMOD[2:0]”
and “D2_TRS” bits in Host Interface Register #0h. The
supported video input standards are listed in Table 1.
After the user has specified the video input standard via the
VM[2:0] and TRS pins or by setting Host Interface
Register
#0h,
the
GS9023
performs
video
standard
detection to verify that the input video stream corresponds
to the selected standard. When the selected video input
standard is verified, the “VXST” bit of Host Interface
Register #0h is set HIGH. The LOCK output pin and the
“LOCK” bit of Host Interface Register #0h are then set
HIGH if at least one of the audio channel enable bits
“CHACT(4-1)” of Host Interface Register #1h is HIGH and
the start of a video frame is detected.
NOTE: The user must ensure that the video input format
correctly corresponds to the video format being provided to
the GS9023.
TABLE 1: Video Input Formats
VIDEO STANDARD
SERIAL DIGITAL
DATA RATE
(Mbps)
PCLK
FREQUENCY
(MHz)
VM[2] or
“VMOD[2]”
VM[1] or
“VMOD[1]”
VM[0] or
“VMOD[0]”
TRS or
“D2_TRS”
525/D2 (SMPTE259M)
143
14.3
0000
525/D2 (SMPTE244M)
143
14.3
0001
525/D1
270
27.0
0010
Reserved
-
-
0011
525/16:9
360
36.0
0100
Reserved
-
-
0101
525/4:4:4:4 (System #1)
540
54.0
0110
Reserved
-
-
0111
625/D2 (with TRS)
177
17.7
1000
625/D2 (without TRS)
177
17.7
1001
625/D1
270
27.0
1010
Reserved
-
-
1011
625/16:9
360
36.0
1100
Reserved
-
-
1101
625/4:4:4:4 (System #2)
540
54.0
1110
625/4:2:2P (System #4)
540
54.0
1111


유사한 부품 번호 - GS9023-CFY

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
GS9023ACFY GENNUM-GS9023ACFY Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS9023BCVE3 GENNUM-GS9023BCVE3 Datasheet
714Kb / 56P
   Embedded Audio CODEC
More results

유사한 설명 - GS9023-CFY

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
logo
Analog Devices
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Gennum Corporation
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
logo
Texas Instruments
PCM3070 TI-PCM3070_15 Datasheet
1Mb / 49P
[Old version datasheet]   PCM3070 Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com