전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3420 데이터시트(PDF) 1 Page - Pulse A Technitrol Company

부품명 TP3420
상세설명  ISDN S-Interface Transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TP3420 데이터시트(HTML) 1 Page - Pulse A Technitrol Company

  TP3420 Datasheet HTML 1Page - Pulse A Technitrol Company TP3420 Datasheet HTML 2Page - Pulse A Technitrol Company TP3420 Datasheet HTML 3Page - Pulse A Technitrol Company TP3420 Datasheet HTML 4Page - Pulse A Technitrol Company TP3420 Datasheet HTML 5Page - Pulse A Technitrol Company TP3420 Datasheet HTML 6Page - Pulse A Technitrol Company TP3420 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T604.F (05/12)
1
pulseelectronics.com
ISDN S-Interface Transformers
Meets pulse waveform template of CCITT I.430 when
recommended transformer and chip pair are used
Excellent longitudinal balance
2kVrms isolation voltage
Available in tape and reel, tray or tube packaging
Recognized by UL
SC-1
Mechanical
Schematic
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Part
Number
Ratio
(
±2%)
OCL Pri
(mH MIN)
L Sec
(
μH MAX)
Cw/w
(pF MAX)
CD Pri
(pF MAX)
DCR Pri
(
Ω ±25%)
DCR Sec
(
Ω ±25%)
IDC
(mA MAX)
Package /
Schematic
A
B
A & B
A
B
A & B
A
B
A
B
A
B
PE-65793
1:1
1:1
22
5
5
100
42
42
2.4
2.4
2.4
2.4
1
SC-1
PE-65795
1:2
1:2
22
15
15
100
80
80
4.3
4.3
4.3
4.3
1
SC-1
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
C
L
Surface Mount, Dual, 2000 Vrms
8
9
16
PE-6579X
Date Code
Country of Origin
.530 MAX
13,46
.720 MAX
18,29
.600
15,24
16X .030
0,76
.120 TYP
3,05
.050 TYP
1,27
.520
13,21
.760
19,30
.100 TYP
2,54
.700
17,78
.004/0,10
16 SURFACES
.010/.020
0,25/0,51
.122
3,10
.950 MAX
24,13
.100
2,54
.390 MAX
9,91
.040/.050
1,02/1,27
SUGGESTED PAD LAYOUT
16
13
14
23
15 14
12
9
58
67
1110
PRI
COIL A
COIL B
SEC


유사한 부품 번호 - TP3420

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
logo
Texas Instruments
TP3420A TI1-TP3420A Datasheet
568Kb / 34P
[Old version datasheet]   TP3420A ISDN S/T Interface Device
logo
National Semiconductor ...
TP3420AJ NSC-TP3420AJ Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AN NSC-TP3420AN Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV NSC-TP3420AV Datasheet
524Kb / 32P
   ISDN S/T Interface Device
More results

유사한 설명 - TP3420

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com