전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14081BFEL 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC14081BFEL
상세설명  B-SUFFIX SERIES CMOS GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14081BFEL 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button MC14081BFEL Datasheet HTML 2Page - ON Semiconductor MC14081BFEL Datasheet HTML 3Page - ON Semiconductor MC14081BFEL Datasheet HTML 4Page - ON Semiconductor MC14081BFEL Datasheet HTML 5Page - ON Semiconductor MC14081BFEL Datasheet HTML 6Page - ON Semiconductor MC14081BFEL Datasheet HTML 7Page - ON Semiconductor MC14081BFEL Datasheet HTML 8Page - ON Semiconductor MC14081BFEL Datasheet HTML 9Page - ON Semiconductor MC14081BFEL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14001B Series
http://onsemi.com
6
TYPICAL B−SERIES GATE CHARACTERISTICS
N−CHANNEL DRAIN CURRENT (SINK)
P−CHANNEL DRAIN CURRENT (SOURCE)
− 40°C
+ 85°C
+ 125°C
Figure 2. VGS = 5.0 Vdc
Figure 3. VGS = − 5.0 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
− 1.0
0
0
TA = − 55°C
Figure 4. VGS = 10 Vdc
Figure 5. VGS = − 10 Vdc
16
14
12
10
8.0
6.0
4.0
2.0
0
5.0
3.0
1.0
10
8.0
6.0
4.0
2.0
0
0
0
Figure 6. VGS = 15 Vdc
Figure 7. VGS = − 15 Vdc
0
0
0
0
− 40°C
+ 25°C
+ 85°C
+ 125°C
− 1.0
− 3.0
− 5.0
− 4.0
− 2.0
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
TA = − 55°C
+ 25°C
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
+ 125°C
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
+ 125°C
18
20
9.0
7.0
− 5.0
− 3.0
− 1.0
− 10
− 8.0
− 6.0
− 4.0
− 2.0
− 9.0
− 7.0
− 40
− 35
− 30
− 25
− 20
− 15
− 10
− 5.0
− 45
− 50
10
6.0
2.0
20
16
12
8.0
4.0
18
14
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
− 10
− 6.0
− 2.0
− 20
− 16
− 12
− 8.0
− 4.0
− 18
− 14
− 80
− 70
− 60
− 50
− 40
− 30
− 20
− 10
− 90
− 100
40
35
30
25
20
15
10
5.0
45
50
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
− 2.0
− 3.0
− 4.0
− 5.0
− 6.0
− 7.0
− 8.0
− 9.0
− 10
+ 125°C
+ 125°C
These typical curves are not guarantees, but are design aids.
Caution: The maximum rating for output current is 10 mA per pin.


유사한 부품 번호 - MC14081BFEL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14081BFEL ONSEMI-MC14081BFEL Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14081BFELG ONSEMI-MC14081BFELG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

유사한 설명 - MC14081BFEL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com