전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD12C 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SD12C
상세설명  Single Line TVS Diode for ESD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD12C 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SD12C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
Single Line TVS Diode for ESD
SD05C-24C
B027
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
SD05C TVS for 5V Lines
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse stand-off voltage
VRWM
5
V
Reverse breakdown voltage
V(BR)R
6
V
IR=1mA
Clamping voltage
VC
9.8
14.5
V
IPP=5A,tp=8/20μs
IPP=24A,tp=8/20μs
Reverse leakage current
IR
10
μA
VRWM=5V
Junction Capacitance
CJ
200
pF
VR=0V,f=1MHz
SD12C TVS for 12V Lines
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse stand-off voltage
VRWM
12
V
Reverse breakdown voltage
V(BR)R
13.3
V
IR=1mA
Clamping voltage
VC
19
24
V
IPP=5A,tp=8/20μs
IPP=15A,tp=8/20μs
Reverse leakage current
IR
1
μA
VRWM=12V
Junction Capacitance
CJ
100
pF
VR=0V,f=1MHz


유사한 부품 번호 - SD12C

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SD12C SEMTECH-SD12C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Shanghai Leiditech Elec...
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD12C SEMITECH-SD12C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
Thinki Semiconductor Co...
SD12C THINKISEMI-SD12C Datasheet
903Kb / 5P
   350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD12C SKTECHNOLGY-SD12C Datasheet
709Kb / 3P
   Bidirectional TVS Diodes
More results

유사한 설명 - SD12C

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
ZX0524P DGNJDZ-ZX0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
logo
KEC(Korea Electronics)
PG05HSUSC KEC-PG05HSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD
logo
Nanjing International G...
NJ1211L DGNJDZ-NJ1211L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
logo
KEC(Korea Electronics)
PG48FSUSC KEC-PG48FSUSC Datasheet
126Kb / 3P
   Single Line TVS Diode for ESD
logo
Nanjing International G...
SD03MC DGNJDZ-SD03MC Datasheet
909Kb / 5P
   Single Line TVS Diode for ESD
NJ0511L3 DGNJDZ-NJ0511L3 Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ2411L DGNJDZ-NJ2411L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com