전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3466 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-3466
상세설명  T-13/4 (5 mm) Low Profile LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3466 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3466 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3466 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Figure 1. Relative intensity vs. wavelength.
1.0
0.5
GREEN
TA = 25°C
RED
YELLOW
500
550
600
650
700
750
WAVELENGTH – nm
HIGH
EFFICIENCY
RED
Absolute Maximum Ratings at TA = 25°C
Parameter
3350 Series
3450 Series
3550 Series
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Power Dissipation[3]
135
85
135
mW
Reverse Voltage (IR = 100 μA)
5
5
5
V
Transient Forward Current[4] (10
μs Pulse)
500
500
500
mA
Operating Temperature Range
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
Wave Soldering Temperature
[1.59 mm (0.063 in.) from Body]
250°C for 3 seconds
Solder Dipping Temperature
[1.59 mm (0.063 in.) from Body]
260°C for 5 seconds
Notes:
1. See Figure 10 (High Efficiency Red), 15 (Yellow), or 20 (Green) to establish pulsed operating conditions.
2. For High Efficiency Red and Green Series, derate linearly from 50°C at 0.5 mA/°C. For Red and Yellow Series, derate linearly from 50°C at
0.2 mA/°C.
3. For High Efficiency Red and Green Series, derate power linearly from 25°C at 1.8 mW/°C. For Red and Yellow Series, derate power linearly from 50°C
at 1.6 mW/°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the Absolute Maximum
Ratings.


유사한 부품 번호 - HLMP-3466

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3466 HP-HLMP-3466 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

유사한 설명 - HLMP-3466

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com