전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3568 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-3568
상세설명  T-13/4 (5 mm) Low Profile LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3568 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3568 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Green HLMP-355x/-356x Series
Electrical Specifications at TA = 25°C
Symbol
Description
Device
HLMP-
Min.
Typ.
Max.
Units
Test Conditions
2
q1/2
Including Angle Between
Half Luminous Intensity
Points
3554
3568
50
40
Deg.
Note 1
(Figure 21)
λPEAK
Peak Wavelength
565
nm
Measurement at
Peak (Figure 1)
λd
Dominant Wavelength
569
nm
Note 2
Δλ1/2
Spectral Line Halfwidth
28
nm
τs
Speed of Response
500
ns
C
Capacitance
18
pF
VF = 0; f = 1 MHz
R
qJ-PIN
Thermal Resistance
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
2.1
2.7
V
IF = 10 mA
(Figure 17)
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 μA
ηV
Luminous Efficacy
595
lm/W
Note 3
Notes:
1.
q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. Dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
Figure 18. Relative luminous intensity vs.
forward current.
Figure 19. Relative efficiency (luminous intensity
per unit current) vs. peak current.
Figure 17. Forward current vs. forward voltage.


유사한 부품 번호 - HLMP-3568

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3568 HP-HLMP-3568 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

유사한 설명 - HLMP-3568

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com