전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-HG71 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-HG71
상세설명  5mm Standard Oval Red and Amber LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG71 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HG71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Avago Technologies
- 1 -
Description
These Precision Optical Performance Oval LEDs are specifically
designed for full color/video and passenger information signs.
The oval shaped radiation pattern and high luminous intensity
ensure that these devices are excellent for wide field of view
outdoor applications where a wide viewing angle and
readability in sunlight are essential. The package epoxy
contains UV inhibitors to reduce the effects of long term
exposure to direct sunlight.
Applications
Gas Price Signs
Mono Color Signs – Marquees
Features
Well defined spatial radiation pattern
High brightness material
Available in Red and Amber
Red AlInGaP 626 nm
Amber AlInGaP 590 nm
Superior resistance to moisture
Standoff and non-standoff Package
Tinted and diffused
Typical viewing angle 40° × 100°
HLMP-HG70/71, HLMP-HL70/71
5mm Standard Oval Red and Amber LEDs
Data Sheet


유사한 부품 번호 - HLMP-HG71

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HG75 AVAGO-HLMP-HG75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

유사한 설명 - HLMP-HG71

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com