전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL6649-1 데이터시트(PDF) 2 Page - Zarlink Semiconductor Inc

부품명 SL6649-1
상세설명  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-1 데이터시트(HTML) 2 Page - Zarlink Semiconductor Inc

  SL6649-1 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SL6649-1
1
The SL6649-1 is a low power direct conversion radio
receiver for the reception of frequency shift keyed
transmissions. It features the capability of 'power down' for
battery conservation.
The device also includes a low battery flag indicator.
3115 - 4.1
FEATURES
I Very Low Power Operation - typ. 3.7mW
I Single Cell Operation with External Inverter
I Complete Radio Receiver in One Package
I Operation up to 200MHz
I 100nV Typical Sensitivity
I Operates up to 1200 BPS
I On Chip Tunable Active Filters
I Minimum External Component Count
I Low Power Down Current Typical 5µA
APPLICATIONS
I Low Power Radio Data Receiver
I Wristwatch Credit Card Pager
I Radio Paging
I Ultrasonic Direction Indication
I Security Systems
I Remote Control Systems
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
6V
Storage Temperature
-55
°C to +150°C
Operating Temperature
-20
°C to +70°C
ORDERING INFORMATION
SL6649-I/KG/MPES
- Small outline (MP28) supplied in tubes
SL6649-1/KG/MPEF - Small outline (MP28)
supplied in tape & reel
SL6649-1
200MHz DIRECT CONVERSION FSK DATA RECEIVER
PIN
DESCRIPTION
1
GND
2
BATTERY ECON
3
GYRATOR CURRT ADJ
4
REF VOLTAGE
5
BANDGAP REF VOLT
6V
CC
2
7
BIT RATE FILTER
8
DATA OUTPUT
9
GND
10
NC
11
NC
12
NC
13
BATT FLAG INPUT
14
BATT FLAG OUTPUT
N.B. It is advisable to connect NC pins to ground.
Figure 1: Pin Connections - Top View
PIN
DESCRIPTION
28
CHANNEL B TEST.
27
LO INPUT CHANNEL B
26
LO INPUT CHANNEL A
25
V
CC
1 (MIXER)
24
MIXER I/P A
23
MIXER I/P B
22
CHANNEL A TEST
21
LO CURRENT SOURCE
20
RFA II (EMIT) RF DEC
19
RFA II (BASE) RF INPUT
18
RF DEC
17
RF O/P
16
COLPITTS OSC O/P DISABLE
15
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MP28


유사한 부품 번호 - SL6649-1

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

유사한 설명 - SL6649-1

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com