전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL6649-1 데이터시트(PDF) 3 Page - Zarlink Semiconductor Inc

부품명 SL6649-1
상세설명  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-1 데이터시트(HTML) 3 Page - Zarlink Semiconductor Inc

  SL6649-1 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SL6649-1
2
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated).
T
amb
= 25
°C, V
CC
1 = 2.5V, V
CC
2 = 3.5V
Value
Characteristic
Pin
Min
Typ
Max
Units
Conditions
Supply Voltage V
CC
125
V
R
1.3
2.8
V
V
CC
1
≤ (V
CC
2)-0.7
Supply Voltage V
CC
2
6,16
1.8
2.3
3.5
V
Supply Current l
CC
1
17, 25,
1.6
2.0
mA
26, 27
(I
RF
) Included
Supply Current I
CC
2
6,16
0.65
0.80
mA
Power Down l
CC
1
17, 21, 25,
5
12
µA
Batt Econ Low
26, 27
Power Down l
CC
2
6,16
3
12
µA
Batt Econ Low
Bandgap Reference
5
1.15
1.22
1.35
V
Voltage Reference
4
0.93
1.0
1.13
V
RF Amplifier
Supply Current (I
RF
)
17
430
535
640
µA
Power Down
17
µA
Included in Power Down I
CC
1
Mixers
Gain to “IF Test”
32
38
dB
L.O. inputs driven in parallel
with 50mV RMS @ 50MHz.
IF = 2kHz
Oscillator
Current Source
21
215
270
330
µA
Power Down
21
µA
Included in Power Down l
CC
1
Decoder
Sensitivity
40
µVrms
Signal injected at “IF TEST”
B.E.R.
≤1 in 30
5kHz deviation @ 500 bits/sec
BRF capacitor = 1nF
Output Mark Space Ratio
8
7:9
9:7
Output Logic High
8
85
%V
CC
2
Output Logic Low
15
%V
CC
2
Battery Economy
Input Logic High
2
(V
CC
2)-0.3
V
Powered Up
Input Logic Low
2
0.3
V
Powered Down
Input Current
0.05
1
µA
Battery Flag
Output High Level
14
85
%V
CC
2
Battery Low R
L
> 1M
Output Low Level
14
15
%V
CC
2
Battery High R
L
> 1 M
Flag trig Level
13
V
R
-25mV
V
R
+25mV
V
Voltage Reference (V
R
) pin 4
Colpitts Oscillator
Frequency
15
kHz
R=90K, pin 3 to GND
15
kHz
R=360K, pin 3 to GND


유사한 부품 번호 - SL6649-1

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

유사한 설명 - SL6649-1

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com