전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVC4T245RGYR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVC4T245RGYR
상세설명  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T245RGYR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74AVC4T245RGYR Datasheet HTML 4Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 5Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 6Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 7Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 8Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 9Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 10Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 11Page - Texas Instruments SN74AVC4T245RGYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN74AVC4T245
4BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES576A – JUNE 2004 – REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.9
0.1
6
0.1
4.9
0.1
3.9
0.3
3.9
ns
tPHL
A
B
2.9
0.1
6
0.1
4.9
0.1
3.9
0.3
3.9
ns
tPLH
B
A
3
0.6
5.3
0.5
4.9
0.3
4.6
0.3
4.5
ns
tPHL
B
A
3
0.6
5.3
0.5
4.9
0.3
4.6
0.3
4.5
ns
tPZH
OE
A
4.4
1
7.4
1
7.3
0.6
7.3
0.4
7.2
ns
tPZL
OE
A
4.4
1
7.4
1
7.3
0.6
7.3
0.4
7.2
ns
tPZH
OE
B
4.1
1.2
9.2
1
7.4
0.8
5.3
0.8
4.6
ns
tPZL
OE
B
4.1
1.2
9.2
1
7.4
0.8
5.3
0.8
4.6
ns
tPHZ
OE
A
5.4
1.6
8.6
1.8
8.7
1.3
8.7
1.6
8.7
ns
tPLZ
OE
A
5.4
1.6
8.6
1.8
8.7
1.3
8.7
1.6
8.7
ns
tPHZ
OE
B
5
1.7
9.9
1.6
8.7
1.2
6.9
1
6.9
ns
tPLZ
OE
B
5
1.7
9.9
1.6
8.7
1.2
6.9
1
6.9
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 2.5 V ± 0.2 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.8
0.1
5.7
0.1
4.6
0.2
3.5
0.1
3.6
ns
tPHL
A
B
2.8
0.1
5.7
0.1
4.6
0.2
3.5
0.1
3.6
ns
tPLH
B
A
2.7
0.6
4.2
0.4
3.9
0.2
3.4
0.2
3.3
ns
tPHL
B
A
2.7
0.6
4.2
0.4
3.9
0.2
3.4
0.2
3.3
ns
tPZH
OE
A
4
0.7
6.5
0.7
5.2
0.6
4.8
0.4
4.8
ns
tPZL
OE
A
4
0.7
6.5
0.7
5.2
0.6
4.8
0.4
4.8
ns
tPZH
OE
B
3.8
0.9
8.8
0.8
7
0.6
4.8
0.6
4
ns
tPZL
OE
B
3.8
0.9
8.8
0.8
7
0.6
4.8
0.6
4
ns
tPHZ
OE
A
4.7
1
8.4
1
8.4
1
6.2
1
6.6
ns
tPLZ
OE
A
4.7
1
8.4
1
8.4
1
6.2
1
6.6
ns
tPHZ
OE
B
4.5
1.5
9.4
1.3
8.2
1.1
6.2
0.9
5.2
ns
tPLZ
OE
B
4.5
1.5
9.4
1.3
8.2
1.1
6.2
0.9
5.2
ns


유사한 부품 번호 - SN74AVC4T245RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T245RGYR TI-SN74AVC4T245RGYR Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245RGYR TI-SN74AVC4T245RGYR Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245RGYR TI1-SN74AVC4T245RGYR Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245RGYR TI1-SN74AVC4T245RGYR Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
More results

유사한 설명 - SN74AVC4T245RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com