전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CM 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 BAT54CM
상세설명  Surface Mount Schottky Barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT54CM 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAT54CM Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT54CM Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAT54CM Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface Mount Schottky Barrier diode
BAT54M/AM/CM/SM
N013
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V(BR)
30
V
IR=100μA
Forward voltage
VF1
0.24
V
IF=0.1mA
0.32
V
IF=1mA
0.40
V
IF=10mA
0.50
V
IF=30mA
1
V
IF=100mA
Reverse current
IR
2
μA
VR=25V
Diode Capacitanc
CD
10
pF
VR=1V,f=1MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


유사한 부품 번호 - BAT54CM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT54CM PHILIPS-BAT54CM Datasheet
50Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
logo
Micro Commercial Compon...
BAT54CM MCC-BAT54CM Datasheet
462Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
BAT54CM JIANGSU-BAT54CM Datasheet
1Mb / 4P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CM NEXPERIA-BAT54CM Datasheet
356Kb / 8P
   Schottky barrier double diode
2003 Nov 11
More results

유사한 설명 - BAT54CM

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com