전자부품 데이터시트 검색엔진 |
|
SMAJ6.5A 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
SMAJ6.5A 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 6 page Production specification TRANSIENT VOLTAGE SUPPRESSOR SMAJ5.0--SMAJ440CA Document Number: SMA601AE www.gmicroelec.com 1 FEATURES Plastic package has underwriters laboratory flammability classification 94V-0 Optimized for LAN protection applications Low profile package with built-in strain relief for surface mounted applications Low incremental surge resistance, excellent clamping capability 400W peak pulse power capability with a 10/1000¦Ìs wave form, repetition rate (duty cycle): 0.01% (300W above 78V) Very fast response time High temperature soldering guaranteed: 250° C/ 10 seconds at terminals MECHANICAL DATA Case: JEDEC DO-214AC molded plastic over passivated chip Terminals: solder plated, solderable per MIL-STD-750, method 2026 Polarity: for uni-directional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting position: any Weight: 0.002 ounces, 0.064 grams Devices for Bidirectional Applications For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both directions. Maximum Ratings and Thermal Characteristics (TA=25 unless otherwise noted) ℃ Characteristic Symbol Value Unit Peak power dissipation with a 10/1000μs waveform (NOTE 1,2, FIG.1) PPPM Minimum 400 W Peak pulse current with a 10/1000μs waveform (NOTE 1) IPPM See next table A Typical thermal resistance, junction to ambient (NOTE 3) R θ JA 120.0 ℃/W Peak forward surge current, 8.3ms single half sine-wave uni-directional only (NOTE 2) IFSM 40.0 A Typical thermal resistance, junction to ambient (NOTE 3) R θ J L 30 ℃/W Operating junction and storage temperature range TJ, TSTG -55---+150 ℃ NOTES: (1) Non-repetitive current pules, per Fig. 3 and derate above TA=25 per Fig. 2. Rating is 300W above 78V. (2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal. (3) Mounted on minimum recommended pad layout. |
유사한 부품 번호 - SMAJ6.5A |
|
유사한 설명 - SMAJ6.5A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |