전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ40 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SMAJ40
상세설명  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ40 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ40 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMAJ5.0--SMAJ440CA
Document Number: SMA601AE
www.gmicroelec.com
1
FEATURES
Plastic package has underwriters laboratory flammability classification 94V-0
Optimized for LAN protection applications
Low profile package with built-in strain relief for surface mounted applications
Low incremental surge resistance, excellent clamping capability
400W peak pulse power capability with a 10/1000¦Ìs wave
form, repetition rate (duty cycle): 0.01% (300W above 78V)
Very fast response time
High temperature soldering guaranteed: 250° C/ 10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic over passivated chip
Terminals: solder plated, solderable per MIL-STD-750, method 2026
Polarity: for uni-directional types the color band denotes the cathode, which is postitive with respect to the
anode under normal TVS operation
Mounting position: any Weight: 0.002 ounces, 0.064 grams
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both
directions.
Maximum Ratings and Thermal Characteristics (TA=25 unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform
(NOTE 1,2, FIG.1)
PPPM
Minimum 400
W
Peak pulse current with a 10/1000μs waveform (NOTE 1)
IPPM
See next table
A
Typical thermal resistance, junction to ambient (NOTE 3)
R θ JA
120.0
℃/W
Peak forward surge current, 8.3ms single half sine-wave
uni-directional only (NOTE 2)
IFSM
40.0
A
Typical thermal resistance, junction to ambient (NOTE 3)
R θ J L
30
℃/W
Operating junction and storage temperature range
TJ, TSTG
-55---+150
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derate above TA=25 per Fig. 2. Rating is 300W above 78V.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal.
(3) Mounted on minimum recommended pad layout.


유사한 부품 번호 - SMAJ40

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ40 JGD-SMAJ40 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
AiT Semiconductor Inc.
SMAJ40 AITSEMI-SMAJ40 Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Socay Electornics Co., ...
SMAJ40 SOCAY-SMAJ40 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ40 RFE-SMAJ40 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Vishay Siliconix
SMAJ40 VISHAY-SMAJ40 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

유사한 설명 - SMAJ40

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com