전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP04AB220S05W 데이터시트(PDF) 3 Page - Toppower Electronic Technology Limited

부품명 TP04AB220S05W
상세설명  3W,4W 3KVAC Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP04AB220S05W 데이터시트(HTML) 3 Page - Toppower Electronic Technology Limited

  TP04AB220S05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP04AB220S05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP04AB220S05W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03(04)AB Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 /3
RATING GR
Notes
1. Fuse
:1A/250V
2. Ripple and noise are measured in the case of a bandwidth of 20MHz
,Use a 300mm twisted pair,While the terminals are connected in parallel with
a 0.47uF high frequency ceramic capacitor and a 47uF electrolytic capacitor.
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP
PPPPackage
ackage
ackage
ackage
PIN
Single output
1
NC
2
+Vo
3
-Vo
4
NC
5
L
6
N
7
NC
SELECTION GUIDE
Units: mm
Tolerance:±0.2mm
TP 03
A
B 220 S
05 W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name


유사한 부품 번호 - TP04AB220S05W

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP04AB220S05W TOPPOWER-TP04AB220S05W Datasheet
547Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
More results

유사한 설명 - TP04AB220S05W

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP03AB TOPPOWER-TP03AB Datasheet
547Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP04AC TOPPOWER-TP04AC Datasheet
712Kb / 3P
   4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com