전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N3889 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 1N3889
상세설명  Fast Recovery Diodes (Stud Version), 6 A, 12 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3889 데이터시트(HTML) 6 Page - Vishay Siliconix

  1N3889 Datasheet HTML 1Page - Vishay Siliconix 1N3889 Datasheet HTML 2Page - Vishay Siliconix 1N3889 Datasheet HTML 3Page - Vishay Siliconix 1N3889 Datasheet HTML 4Page - Vishay Siliconix 1N3889 Datasheet HTML 5Page - Vishay Siliconix 1N3889 Datasheet HTML 6Page - Vishay Siliconix 1N3889 Datasheet HTML 7Page - Vishay Siliconix 1N3889 Datasheet HTML 8Page - Vishay Siliconix 1N3889 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-1N3879(R), VS-1N3889(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 28-May-15
6
Document Number: 93144
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Maximum Forward Voltage vs. Forward Current,
1N3879 Series
Fig. 9 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 1N3879 Series
Fig. 10 - Maximum Forward Voltage vs. Forward Current,
1N3889 Series
Fig. 11 - Maximum High Level Forward Power Loss vs. Average
Forward Current, 1N3889 Series
Fig. 12 - Maximum Non-Repetitive Surge Current vs.
Number of Current Pulses, 1N3879 Series
Fig. 13 - Maximum Non-Repetitive Surge Current vs.
Number of Current Pulses, 1N3889 Series
Instantaneous Forward Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
J = 150 °C
T
J = 25 °C
1N3879 to 1N3883
1
10
10
3
10
2
Average Forward Current (A)
10
10
3
10
2
1
1
10
3
10
2
10
Ø
Ø
Ø = 180°
120°
60°
30°
Ø = DC
180°
120°
60°
30°
T
J = 150 °C
1N3879 to 1N3883
Instantaneous Forward Voltage (V)
0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
1
10
10
3
10
2
1N3889 to 1N3893
T
J = 150 °C
T
J = 25 °C
Average Forward Current (A)
10
10
3
10
2
1
1
10
3
10
2
10
Ø
Ø = DC
180°
120°
60°
30°
T
J = 150 °C
Ø
Ø = 180°
120°
60°
30°
1N3889 to 1N3893
Number of Equal Amplitude Half
Cycle Current Pulses (N)
0
40
80
120
20
60
100
140
At any rated load condition and with
rated V
RRM applied following surge.
50 Hz
60 Hz
10
20
40 60
12
4
6 8
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
20
40 60
12
4
6 8
0
50
150
100
50 Hz
60 Hz
At any rated load condition and with
rated V
RRM applied following surge.


유사한 부품 번호 - 1N3889

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3889 MICROSEMI-1N3889 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3889 GENESIC-1N3889 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

유사한 설명 - 1N3889

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
   Fast Recovery Diodes (Stud Version), 6/12/16 A
Revision: 26-Sep-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com