전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101AW-G 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SD101AW-G
상세설명  For general purpose applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101AW-G 데이터시트(HTML) 1 Page - Vishay Siliconix

  SD101AW-G Datasheet HTML 1Page - Vishay Siliconix SD101AW-G Datasheet HTML 2Page - Vishay Siliconix SD101AW-G Datasheet HTML 3Page - Vishay Siliconix SD101AW-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD101AW-G, SD101BW-G, SD101CW-G
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 25-Feb-13
1
Document Number: 85158
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-123
Weight: approx. 9.4 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATRUES
• For general purpose applications
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing and coupling diodes for fast
switching and low logic level applications
• The SD101 series is a metal-on-silicon Schottky
barrier device which is protected by a PN junction
guardring
• AEC-Q101 qualified
• Base P/N-G3 - green, commercial grade
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL
CONSTRUCTION
TYPE MARKING
REMARKS
SD101AW-G
SD101AW-G3-08 or SD101AW-G3-18
Single diode
SK
Tape and reel
SD101BW-G
SD101BW-G3-08 or SD101BW-G3-18
Single diode
SL
SD101CW-G
SD101CW-G3-08 or SD101CW-G3-18
Single diode
SM
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD101AW-G
VRRM
60
V
SD101BW-G
VRRM
50
V
SD101CW-G
VRRM
40
V
Power dissipation (infinite heatsink) (1)
Ptot
400
mW
Forward continuous current
IF
30
mA
Maximum single cycle surge
10 μs square wave
IFSM
2A
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
300
K/W
Junction temperature (1)
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating ttemperature range
Top
- 55 to + 125
°C


유사한 부품 번호 - SD101AW-G

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD101AW-GS08 VISHAY-SD101AW-GS08 Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
SD101AW-GS18 VISHAY-SD101AW-GS18 Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
More results

유사한 설명 - SD101AW-G

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
New Jersey Semi-Conduct...
1N5711 NJSEMI-1N5711 Datasheet
124Kb / 1P
   Schottky Barrier Diodes for General Purpose Applications
logo
EPCOS
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
   2-line filters for general-purpose applications
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
logo
Toshiba Semiconductor
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com