전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS-80EBU02HF4 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 VS-80EBU02HF4
상세설명  Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80EBU02HF4 데이터시트(HTML) 1 Page - Vishay Siliconix

  VS-80EBU02HF4 Datasheet HTML 1Page - Vishay Siliconix VS-80EBU02HF4 Datasheet HTML 2Page - Vishay Siliconix VS-80EBU02HF4 Datasheet HTML 3Page - Vishay Siliconix VS-80EBU02HF4 Datasheet HTML 4Page - Vishay Siliconix VS-80EBU02HF4 Datasheet HTML 5Page - Vishay Siliconix VS-80EBU02HF4 Datasheet HTML 6Page - Vishay Siliconix VS-80EBU02HF4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-80EBU02HF4
www.vishay.com
Vishay Semiconductors
Revision: 15-Mar-13
1
Document Number: 93996
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Soft Recovery Diode, 80 A FRED Pt®
FEATURES
• Ultrafast recovery time
• 175 °C max. operating junction temperature
• Screw mounting only
• AEC-Q101 qualified
• PowerTab® package
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
BENEFITS
• Reduced RFI and EMI
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION/APPLICATIONS
These diodes are optimized to reduce losses and EMI/RFI in
high frequency power conditioning systems.
The softness of the recovery eliminates the need for a
snubber in most applications. These devices are ideally
suited for HF welding, power converters and other
applications where switching losses are not significant
portion of the total losses.
PRODUCT SUMMARY
Package
PowerTab®
IF(AV)
80 A
VR
200 V
VF at IF
1.10 V
trr (typ.)
See recovery table
TJ max.
175 °C
Diode variation
Single die
Cathode
Anode
PowerTab®
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
200
V
Continuous forward current
IF(AV)
TC = 131 °C
80
A
Single pulse forward current
IFSM
TC = 25 °C
800
Maximum repetitive forward current
IFRM
Square wave, 20 kHz
160
Operating junction and
storage temperatures
TJ, TStg
- 55 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
Vr
IR = 50 μA
200
-
-
V
Forward voltage
VF
IF = 80 A
-
0.94
1.10
IF = 80 A, TJ = 175 °C
-
0.77
0.88
Reverse leakage current
IR
VR = VR rated
-
-
50
μA
TJ = 150 °C, VR = VR rated
-
-
2
mA
Junction capacitance
CT
VR = 200 V
-
89
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
3.5
-
nH


유사한 부품 번호 - VS-80EBU02HF4

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-80EBU02HF4 VISHAY-VS-80EBU02HF4 Datasheet
158Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt짰
01-Jan-2022
VS-80EBU02HF4 VISHAY-VS-80EBU02HF4_V01 Datasheet
158Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt짰
01-Jan-2022
More results

유사한 설명 - VS-80EBU02HF4

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Jun-11
VS-80EBU04HF4 VISHAY-VS-80EBU04HF4 Datasheet
148Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 16-Jun-15
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
80EBU02 VISHAY-80EBU02_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_12 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-VSUD405CW60 VISHAY-VS-VSUD405CW60 Datasheet
180Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode, 400 A
Revision: 03-Nov-16
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com