전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS-95PF 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 VS-95PF
상세설명  Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-95PF 데이터시트(HTML) 2 Page - Vishay Siliconix

  VS-95PF Datasheet HTML 1Page - Vishay Siliconix VS-95PF Datasheet HTML 2Page - Vishay Siliconix VS-95PF Datasheet HTML 3Page - Vishay Siliconix VS-95PF Datasheet HTML 4Page - Vishay Siliconix VS-95PF Datasheet HTML 5Page - Vishay Siliconix VS-95PF Datasheet HTML 6Page - Vishay Siliconix VS-95PF Datasheet HTML 7Page - Vishay Siliconix VS-95PF Datasheet HTML 8Page - Vishay Siliconix VS-95PF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-95PF(R)...(W) Series
www.vishay.com
Vishay Semiconductors
Revision: 04-Dec-14
2
Document Number: 93532
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Recommended for pass-through holes
(2) Torque must be applicable only to Hexagon and not to plastic structure, recommended for holed heatsink
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
80
A
140
°C
Maximum RMS forward current
IF(RMS)
149
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = 150 °C
2000
A
t = 8.3 ms
2090
t = 10 ms
100 % VRRM
reapplied
1680
t = 8.3 ms
1760
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
20 000
A2s
t = 8.3 ms
18 180
t = 10 ms
100 % VRRM
reapplied
14 100
t = 8.3 ms
12 800
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
200 000
A2
s
Low level value of threshold voltage
VF(TO)
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
0.73
V
Low level value of forward
slope resistance
rf
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
3.0
m
Maximum forward voltage drop
VFM
Ipk = 267 A, TJ = 25 °C, tp = 400 μs rectangular wave
1.40
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
-55 to +180
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.27
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.25
Maximum allowable mounting
torque (+0 %, -10 %)
Not lubricated threads, tighting on nut (1)
3.4
(30)
N · m
(lbf · in)
Lubricated threads, tighting on nut (1)
2.3
(20)
Not lubricated threads, tighting on Hexagon (2)
4.2
(37)
Lubricated threads, tighting on Hexagon (2)
3.2
(28)
Approximate weight
15.8
g
0.56
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AB (DO-5)
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.14
0.10
TJ = TJ maximum
K/W
120°
0.16
0.17
90°
0.21
0.22
60°
0.30
0.31
30°
0.50
0.50


유사한 부품 번호 - VS-95PF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-95PF VISHAY-VS-95PF Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
More results

유사한 설명 - VS-95PF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF40 VISHAY-95PF40 Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
95PF140 VISHAY-95PF140 Datasheet
101Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com