전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSB2045-M3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 VSB2045-M3
상세설명  High forward surge capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSB2045-M3 데이터시트(HTML) 2 Page - Vishay Siliconix

  VSB2045-M3 Datasheet HTML 1Page - Vishay Siliconix VSB2045-M3 Datasheet HTML 2Page - Vishay Siliconix VSB2045-M3 Datasheet HTML 3Page - Vishay Siliconix VSB2045-M3 Datasheet HTML 4Page - Vishay Siliconix VSB2045-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VSB2045-M3
www.vishay.com
Vishay General Semiconductor
Revision: 22-Nov-13
2
Document Number: 89391
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: 40 ms pulse width
Notes
(1) Without heatsink, free air; units mounted on PCB with 2 mm x 2 mm copper pad areas at 9.5 mm lead length
(2) Leads clipped at 3 mm lead length from plastic body on 7.0 cm x 2.2 cm x 1.9 cm x 2 heatsink
Notes
(1) Immunity to IEC 61000-4-2 air discharge mode has a typical performance > 25 kV
(2) System ESD standard
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.44
-
V
IF = 10 A
0.46
-
IF = 20 A
0.50
0.58
IF = 5.0 A
TA = 125 °C
0.30
-
IF = 10 A
0.35
-
IF = 20 A
0.42
0.50
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
23.4
1200
μA
TA = 125 °C
11.9
35
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
2050
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSB2045
UNIT
Thermal resistance
RJA (1)
55
°C/W
RJL (1)
3.5
Typical thermal resistance
RJL (2)
2.5
°C/W
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
JESD22-A114
Human body model (contact mode)
C = 150 pF, R = 1.5
VC
3B
> 8 kV
JESD22-A115
Machine model (contact mode)
C = 200 pF, R = 0
C
> 400 V
IEC 61000-4-2 (2)
Air discharge mode (1)
C = 150 pF, R = 330
4
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSB2045-M3/54
1.88
54
800
13" diameter paper tape and reel
VSB2045-M3/73
1.88
73
300
Ammo pack packaging


유사한 부품 번호 - VSB2045-M3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VSB2045-M3-54 VISHAY-VSB2045-M3-54 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
VSB2045-M3-73 VISHAY-VSB2045-M3-73 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
VSB2045-M3/54 VISHAY-VSB2045-M3/54 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
VSB2045-M3/73 VISHAY-VSB2045-M3/73 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
More results

유사한 설명 - VSB2045-M3

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SS15U60 LEIDITECH-SS15U60 Datasheet
218Kb / 3P
   High forward surge capability
logo
Sangdest Microelectroni...
S1A-F SMC-S1A-F Datasheet
114Kb / 5P
   High forward surge capability
logo
STMicroelectronics
STPSC12C065-Y STMICROELECTRONICS-STPSC12C065-Y Datasheet
178Kb / 8P
   High forward surge capability
January 2015 Rev 1
logo
DIYI Electronic Technol...
SL2045 DYELEC-SL2045 Datasheet
2Mb / 2P
   High Forward Surge Capability
logo
STMicroelectronics
STPSC8H065C STMICROELECTRONICS-STPSC8H065C Datasheet
152Kb / 8P
   High forward surge capability
November 2013 Rev 2
logo
Shanghai Leiditech Elec...
MUR16120DC LEIDITECH-MUR16120DC Datasheet
437Kb / 3P
   High forward surge capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
   High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
   High surge forward current capability
logo
DIOTEC Electronics Corp...
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
   High forward surge current capability
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
   High forward surge current capability
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com