전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AWCR-2.00MD 데이터시트(PDF) 3 Page - Abracon Corporation

부품명 AWCR-2.00MD
상세설명  LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABRACON [Abracon Corporation]
홈페이지  https://abracon.com
Logo ABRACON - Abracon Corporation

AWCR-2.00MD 데이터시트(HTML) 3 Page - Abracon Corporation

  AWCR-2.00MD Datasheet HTML 1Page - Abracon Corporation AWCR-2.00MD Datasheet HTML 2Page - Abracon Corporation AWCR-2.00MD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
|||||||| | | | | | | |
AWCR-MD
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 05.07.13
Visit www.abracon.com for Terms & Conditions of Sale
Size Varies
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
CAUTION
OUTLINE DRAWING
Freq. Range: 1.79 ~ 6.00MHz (Low Profile)
Bulk:
AMMO:
Freq. Range: 12.51 ~ 60.00MHz
Bulk:
AMMO:
Pb in ceramic, exemption (7c-I)
RoHS/RoHS II Compliant
**: 12.51 ~13.00MHz, 12.0mm max
13.01 ~ 60.00MHz, 10.0mm max
(1) Do not apply excess mechanical stress to the component body or terminations. Do not attempt to re-form or bend the components as
this will cause damage to the component.
(2) This component is not hermetically sealed. Do not clean or wash the component.
(3) Reflow Soldering: Do not use strong acidity flux, such as flux with chlorine content of greater than 0.2wt% during Reflow Soldering.
(4) Do not expose the component to open flame.
(5) This specification applies to the functionality of the component as a single unit.
(6) Storage Conditions: If the product is to be stored for a period greater than 1 year after the Delivery Date, it is recommended that
customers confirm the solderability and characteristics for the product prior to use.
(7) This product is not recommended for use in the following applications: Automotive, Medical, Military, Safety, or any other high-
reliability life dependant applications. ContactAbracon Corporation prior to using this product when in doubt.
,


유사한 부품 번호 - AWCR-2.00MD

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AWCR-20.00MD ABRACON-AWCR-20.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
More results

유사한 설명 - AWCR-2.00MD

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AWCR-16.00MD ABRACON-AWCR-16.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-10.00MD ABRACON-AWCR-10.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-20.00MD ABRACON-AWCR-20.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-RS ABRACON-AWCR-RS Datasheet
1Mb / 2P
   LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-12.00RS ABRACON-AWCR-12.00RS Datasheet
1Mb / 2P
   LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MS ABRACON-AWSCR-MS Datasheet
198Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
AWSCR-MR ABRACON-AWSCR-MR Datasheet
164Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com