전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSSAF3N50 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 VSSAF3N50
상세설명  Ideal for automated placement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSAF3N50 데이터시트(HTML) 1 Page - Vishay Siliconix

  VSSAF3N50 Datasheet HTML 1Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 2Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 3Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 4Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VSSAF3N50
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jul-14
1
Document Number: 87720
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Trench MOS Barrier Schottky Rectifier
TYPICAL APPLICATIONS
For
use
in
low
voltage,
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
FEATURES
• Very low profile - typical height of 0.95 mm
• Ideal for automated placement
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: DO-221AC (SlimSMA)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
M3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Note
(1) Mounted on 5 mm x 5 mm copper pad areas, 2 oz. FR4 PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
50 V
IFSM
80 A
VF at IF = 3.0 A
0.40 V
TJ max.
150 °C
Package
DO-221AC (SlimSMA)
Diode variation
Single die
DO-221AC
TMBS
® SlimSMATM
Top View
Bottom View
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSAF3N50
UNIT
Device marking code
3N5
Maximum repetitive peak reverse voltage
VRRM
50
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
2.7
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Maximum DC reserve voltage
VDC
35
V
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


유사한 부품 번호 - VSSAF3N50

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
116Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
VSSAF3N50 VISHAY-VSSAF3N50_V01 Datasheet
116Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

유사한 설명 - VSSAF3N50

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
   Ideal for automated placement
Revision: 10-Jul-15
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
   Ideal for automated placement
Revision: 04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
logo
Bruckewell Technology L...
SD10PU80 BWTECH-SD10PU80 Datasheet
117Kb / 4P
   Ideal for automated placement
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com