전자부품 데이터시트 검색엔진 |
|
VS-SD603CC 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
VS-SD603CC 데이터시트(HTML) 2 Page - Vishay Siliconix |
2 / 9 page VS-SD603C..C Series www.vishay.com Vishay Semiconductors Revision: 14-Jan-14 2 Document Number: 93178 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC FORWARD CONDUCTION PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum average forward current at heatsink temperature IF(AV) 180° conduction, half sine wave Double side (single side) cooled 600 (300) A 55 (75) °C Maximum RMS current IF(RMS) 25 °C heatsink temperature double side cooled 942 A Maximum peak, one-cycle non-repetitive forward current IFSM t = 10 ms No voltage reapplied Sinusoidal half wave, initial TJ = TJ maximum 8320 t = 8.3 ms 8715 t = 10 ms 100 % VRRM reapplied 7000 t = 8.3 ms 7330 Maximum I2t for fusing I2t t = 10 ms No voltage reapplied 346 kA2s t = 8.3 ms 316 t = 10 ms 100 % VRRM reapplied 245 t = 8.3 ms 224 Maximum I2 t for fusing I2 t t = 0.1 to 10 ms, no voltage reapplied 3460 kA2 s Low level value of threshold voltage VF(TO)1 (16.7 % x x I F(AV) < I < x IF(AV)), TJ = TJ maximum 1.36 V High level value of threshold voltage VF(TO)2 (I > x I F(AV)), TJ = TJ maximum 1.81 Low level of forward slope resistance rf1 (16.7 % x x I F(AV) < I < x IF(AV)), TJ = TJ maximum 0.87 mW High level of forward slope resistance rf2 (I > x I F(AV)), TJ = TJ maximum 0.67 Maximum forward voltage drop VFM Ipk = 1885 A, TJ = 25 °C; tp = 10 ms sinusoidal wave 2.97 V RECOVERY CHARACTERISTICS CODE MAXIMUM VALUE AT TJ = 25 °C TEST CONDITIONS TYPICAL VALUES AT TJ = 125 °C trr AT 25 % IRRM (μs) Ipk SQUARE PULSE (A) dI/dt (A/μs) Vr (V) trr AT 25 % IRRM (μs) Qrr (μC) Irr (A) S10 1.0 1000 25 - 30 2.0 45 34 S15 1.5 3.2 87 51 S20 2.0 3.5 97 55 THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum operating junction temperature range TJ - 40 to 125 °C Maximum storage temperature range TStg - 40 to 150 Maximum thermal resistance, junction to heatsink RthJ-hs DC operation single side cooled 0.076 K/W DC operation double side cooled 0.038 Mounting force, ± 10 % 9800 (1000) N (kg) Approximate weight 83 g Case style See dimensions - link at the end of datasheet B-43 R thJ-hs CONDUCTION CONDUCTION ANGLE SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION TEST CONDITIONS UNITS SINGLE SIDE DOUBLE SIDE SINGLE SIDE DOUBLE SIDE 180° 0.006 0.007 0.005 0.005 TJ = TJ maximum K/W 120° 0.008 0.008 0.008 0.008 90° 0.010 0.010 0.011 0.011 60° 0.015 0.015 0.016 0.015 30° 0.026 0.025 0.026 0.025 I FM t rr dir dt I RM(REC) Q rr t |
유사한 부품 번호 - VS-SD603CC |
|
유사한 설명 - VS-SD603CC |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |