전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS-STPS20L15G-M3 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 VS-STPS20L15G-M3
상세설명  High Performance Schottky Rectifier, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-STPS20L15G-M3 데이터시트(HTML) 4 Page - Vishay Siliconix

  VS-STPS20L15G-M3 Datasheet HTML 1Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 2Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 3Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 4Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 5Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 6Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-STPS20L15G-M3
www.vishay.com
Vishay Semiconductors
Revision: 18-Feb-16
4
Document Number: 95735
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
70
75
85
90
95
100
IF(AV) - Average Forward Current (A)
8
4
121620
24
0
80
See note (1)
Square wave (D = 0.50)
0
2
6
12
10
8
4
14
IF(AV) - Average Forward Current (A)
10
515
20
30
25
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


유사한 부품 번호 - VS-STPS20L15G-M3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-STPS20L15G-M3 VISHAY-VS-STPS20L15G-M3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-STPS20L15G-M3 VISHAY-VS-STPS20L15G-M3_V01 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
More results

유사한 설명 - VS-STPS20L15G-M3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-20TQ035SPBF VISHAY-VS-20TQ035SPBF_15 Datasheet
147Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 08-Dec-14
VS-20TQ035-M3 VISHAY-VS-20TQ035-M3_V01 Datasheet
184Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-20L15TSPBF VISHAY-VS-20L15TSPBF_15 Datasheet
134Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 24-Jul-14
VS-20TQ035THN3 VISHAY-VS-20TQ035THN3_V01 Datasheet
180Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-20TQ035-M3 VISHAY-VS-20TQ035-M3 Datasheet
168Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 07-May-2020
VS-20TQ035THN3 VISHAY-VS-20TQ035THN3 Datasheet
163Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 27-Jul-2020
VS-20L15TS-M3 VISHAY-VS-20L15TS-M3 Datasheet
148Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 28-Jul-14
VS-STPS20L15GPBF VISHAY-VS-STPS20L15GPBF_V01 Datasheet
121Kb / 7P
   High Performance Schottky Rectifier, 20 A
08-Feb-17
VS-20L15T-M3 VISHAY-VS-20L15T-M3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 23-Nov-17
VS-STPS20L15D-M3 VISHAY-VS-STPS20L15D-M3_V01 Datasheet
166Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com