전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD5406NT4G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 STD5406NT4G
상세설명  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD5406NT4G 데이터시트(HTML) 2 Page - ON Semiconductor

  STD5406NT4G Datasheet HTML 1Page - ON Semiconductor STD5406NT4G Datasheet HTML 2Page - ON Semiconductor STD5406NT4G Datasheet HTML 3Page - ON Semiconductor STD5406NT4G Datasheet HTML 4Page - ON Semiconductor STD5406NT4G Datasheet HTML 5Page - ON Semiconductor STD5406NT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTD5406N, STD5406N
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
42
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25°C
1.0
mA
TJ = 100°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±30 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
3.5
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
−7.0
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 30 A
8.7
10
m
W
VGS = 5.0 V, ID = 10 A
13.2
17
Forward Transconductance
gFS
VGS = 10 V, ID = 10 A
19
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 32 V
1375
2500
pF
Output Capacitance
COSS
370
700
Reverse Transfer Capacitance
CRSS
160
300
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 32 V,
ID = 30 A
45
nC
Threshold Gate Charge
QG(TH)
2.0
Gate−to−Source Charge
QGS
5.4
Gate−to−Drain Charge
QGD
20
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDD = 32 V,
ID = 30 A, RG = 2.5 W
7.2
ns
Rise Time
tr
57
Turn−Off Delay Time
td(OFF)
30
Fall Time
tf
67
SWITCHING CHARACTERISTICS, VGS = 5 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 5.0 V, VDD = 20 V,
ID = 30 A, RG = 2.5 W
15
ns
Rise Time
tr
147
Turn−Off Delay Time
td(OFF)
20
Fall Time
tf
29
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.82
1.1
V
TJ = 125°C
0.67
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = 10 A
46
ns
Charge Time
ta
24
Discharge Time
tb
22
Reverse Recovery Charge
QRR
65
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


유사한 부품 번호 - STD5406NT4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STD5407N ONSEMI-STD5407N Datasheet
120Kb / 6P
   40 V, 38 A, Single N-Channel, DPAK
July, 2013 ??Rev. 5
STD5407N ONSEMI-STD5407N Datasheet
82Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 7
STD5407NT4G ONSEMI-STD5407NT4G Datasheet
82Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 7
logo
Visual Communications C...
STD540BLK VCC-STD540BLK Datasheet
67Kb / 1P
   STD
More results

유사한 설명 - STD5406NT4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com