전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02061G-12 데이터시트(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

부품명 M02061G-12
상세설명  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061G-12 데이터시트(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061G-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
M02061-12/-21
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
8
3.3 or 5 Volt Laser Driver
Rev V6
1.5
Safety Logic Timing
(SCB pin low, VCC = 3.05 V to 3.55V or 4.7V to 5.4V, TA = -40 °C to +95 °C, unless otherwise noted)
tr
Modulation output rise time
20% to 80% into 25
Ω.
Measured using 11110000 pattern at 2.5Gbps
–55
75
ps
tf
Modulation output fall time
55
75
ps
OS
Overshoot of modulation output current
in the off direction.
into 25
Ω load
--
1
%
RJ
Random jitter
0.8
psrms
DJ
Deterministic jitter
Measured into 25
Ω load, 231 - 1 PRBS at 2.7
Gbps
K28.5 pattern at 4.25 Gbps
(includes pulse width distortion3)
10
10
25
30
pspp
NOTES:
1.
Guaranteed by design and characterization.
2.
DC coupled operation at 3.3V is not supported. AC coupled operation at 5V is possible provided the outputs never exceed 6V.
3.
Pulse width distortion is measured single-ended.
Table 1-5.
Safety Logic Timing (1 of 2)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units
t_off
DIS assert time
Rising edge of DIS to fall of output signal below
10% of nominal(1)
10
μs
t_on
DIS negate time
Falling edge of DIS to rise of output signal above
90% of nominal(1)
1ms
t_init
Time to initialize(2)
Includes reset of FAIL; from power on after
Supply_OK or from negation of DIS during reset of
FAIL condition
23
5
ms
Table 1-4.
AC Characteristics (2 of 2)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units
(2)


유사한 부품 번호 - M02061G-12

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02061G-12 MA-COM-M02061G-12 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

유사한 설명 - M02061G-12

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com