전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02061G-12 데이터시트(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

부품명 M02061G-12
상세설명  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061G-12 데이터시트(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02061G-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061G-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02061-12/-21
4
3.3 or 5 Volt Laser Driver
Rev V6
1.0 Product Specification
1.1
Absolute Maximum Ratings
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.0
V
TJ
Junction temperature
-40 to +110 1
°C
VCC3
3.3V power supply voltage
-0.4 to +4.0
V
TA
Operating ambient temperature
-40 to +95 2
°C
TSTG
Storage temperature
-65 to +150
°C
IBIASOUT (MAX)
Maximum bias output current
150
mA
IMOD (MAX)
Maximum modulation current
140
mA
DIN+/-
Data inputs
0 to VCC3 + 0.4
V
DIS, SCB, VCC3SEL
Mode control inputs
-0.4 to VCC + 0.4
V
BIASMON, MODMON
Bias and modulation output current mirror compliance
voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photodiode anode voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photo diode current
2
mA
FAIL
Status flags
-0.4 to VCC + 0.4
V
PWA, APCSET, MODSET
Set inputs
-0.4 to VCC3 + 0.4
V
TCSTART
Temperature compensation start temperature
-0.4 to 1.0
V
TCSLOPE
Temperature compensation slope
-0.4 to VCC3 + 0.4
V
OUT+, OUT-
Output
-0.4 to VCC + 0.4
V
1. QFN package:
Air Velocity
θJA
0 m/s
57 ºC/W
1 m/s
50 ºC/W
2.5 m/s
45 ºC/W
The above thermal resistance is based on a 4-layer JEDEC standard board (76.2 x 114.3 mm).
2. The maximum operating ambient temperature is the lesser of 95 °C or TA TJ(Max) - (θJA (Max) x Q) where Q is the power dissipated
in the M02061.


유사한 부품 번호 - M02061G-12

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02061G-12 MA-COM-M02061G-12 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

유사한 설명 - M02061G-12

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com