전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX162821FT 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TC74VCX162821FT
상세설명  Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX162821FT 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74VCX162821FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX162821FT Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TC74VCX162821FT
2001-10-11
10
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH - 0.3 V
VOH - 0.15 V
VOH - 0.15 V
Figure 3
tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V or VCC
GND
VIH
VM
tpHZ
tpZH
tr 2.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VY
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (Q)
Low to Off to Low
Output (Q)
High to Off to High
VX
tf 2.0 ns


유사한 부품 번호 - TC74VCX162821FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX162821FT TOSHIBA-TC74VCX162821FT Datasheet
225Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT_07 Datasheet
225Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74VCX162821FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT_07 Datasheet
225Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16821FT TOSHIBA-TC74VCX16821FT Datasheet
234Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
2007-10-19
TC74VCX162721FT TOSHIBA-TC74VCX162721FT Datasheet
223Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162823FT TOSHIBA-TC74VCX162823FT Datasheet
229Kb / 12P
   Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16823FT TOSHIBA-TC74VCX16823FT Datasheet
223Kb / 12P
   Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com