전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP1031A 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP1031A
상세설명   TOSHIBA Photointerrupter Infrared LED Photo IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1031A 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP1031A Datasheet HTML 1Page - Toshiba Semiconductor TLP1031A Datasheet HTML 2Page - Toshiba Semiconductor TLP1031A Datasheet HTML 3Page - Toshiba Semiconductor TLP1031A Datasheet HTML 4Page - Toshiba Semiconductor TLP1031A Datasheet HTML 5Page - Toshiba Semiconductor TLP1031A Datasheet HTML 6Page - Toshiba Semiconductor TLP1031A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP1031A
2002-09-20
4
Package Dimensions
Weight: 0.4 g (typ.)
Pin Connection
Amp
4
5
2
1
1: Anode
2: Cathode
3: VCC
4: OUT
5: GND
Constant-voltage
circuit
3
Country of origin
Unit: mm
Product number (TL omitted)
Anode
Center of sensor
Slit width
( ): reference value


유사한 부품 번호 - TLP1031A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1032F TOSHIBA-TLP1032F Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1033A TOSHIBA-TLP1033A Datasheet
161Kb / 7P
   TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1033A TOSHIBA-TLP1033A Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1033AF TOSHIBA-TLP1033AF Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
More results

유사한 설명 - TLP1031A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP1014 TOSHIBA-TLP1014 Datasheet
408Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1033A TOSHIBA-TLP1033A Datasheet
161Kb / 7P
   TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1016 TOSHIBA-TLP1016 Datasheet
417Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP550 TOSHIBA-TLP550 Datasheet
179Kb / 7P
   TOSHIBA Photocoupler Infrared LED Photo IC
TLP836 TOSHIBA-TLP836 Datasheet
319Kb / 6P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP813 TOSHIBA-TLP813 Datasheet
352Kb / 6P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com