전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1077X 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1077X
상세설명  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1077X 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1077X Datasheet HTML 1Page - Vishay Siliconix SI1077X Datasheet HTML 2Page - Vishay Siliconix SI1077X Datasheet HTML 3Page - Vishay Siliconix SI1077X Datasheet HTML 4Page - Vishay Siliconix SI1077X Datasheet HTML 5Page - Vishay Siliconix SI1077X Datasheet HTML 6Page - Vishay Siliconix SI1077X Datasheet HTML 7Page - Vishay Siliconix SI1077X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vishay Siliconix
Si1077X
Document Number: 63254
S12-3081-Rev. A, 24-Dec-12
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0.000
0.001
0.002
0.003
0.004
0.005
0
3
6
9
12
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
2
4
6
8
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 2.5 V
V
GS = 1V
V
GS = 1.5 V
V
GS = 1.8 V
0
0.05
0.1
0.15
0.2
0
2
4
6
8
I
D - Drain Current (A)
V
GS = 1.8 V
V
GS = 1.5 V
V
GS = 2.5 V
V
GS = 4.5 V
Gate Current vs. Gate-to-Source Voltage
Transfer Characteristics Curves vs. Temperature
Capacitance
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
10
-10
0
4
8
12
16
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
0.5
1
1.5
2
0
0.45
0.9
1.35
1.8
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
380
760
1140
1520
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


유사한 부품 번호 - SI1077X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1077X VISHAY-SI1077X_V01 Datasheet
171Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1077X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com