전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9Z20 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 IRF9Z20
상세설명  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9Z20 데이터시트(HTML) 6 Page - Vishay Siliconix

  IRF9Z20 Datasheet HTML 1Page - Vishay Siliconix IRF9Z20 Datasheet HTML 2Page - Vishay Siliconix IRF9Z20 Datasheet HTML 3Page - Vishay Siliconix IRF9Z20 Datasheet HTML 4Page - Vishay Siliconix IRF9Z20 Datasheet HTML 5Page - Vishay Siliconix IRF9Z20 Datasheet HTML 6Page - Vishay Siliconix IRF9Z20 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF9Z20, SiHF9Z20
www.vishay.com
Vishay Siliconix
S16-0015-Rev. C, 18-Jan-16
6
Document Number: 90121
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 17 - Typical Time to Accumulated 1 % Gate Failure
Fig. 18 - Typical High Temperature Reverse Bias (HTRB)
Failure Rate
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?90121.
90121_18
14 V
50
1012
1010
108
106
104
102
20 V
18 V
16 V
70
90
110
130
150
Temperature (°C)
90121_19
50
104
103
102
10
1
70
90
110
130
150
Temperature (°C)
10-4
10-3
10-2
0.1
1
60 % UCL
90 % UCL
99 % UCL
20 FIT’s


유사한 부품 번호 - IRF9Z20

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9Z20 IRF-IRF9Z20 Datasheet
220Kb / 6P
   P-CHANNEL 50 VOLT POWER MOSFETs
logo
Samsung semiconductor
IRF9Z20 SAMSUNG-IRF9Z20 Datasheet
287Kb / 5P
   P-CHANNEL POWER MOSFETs
logo
Inchange Semiconductor ...
IRF9Z20 ISC-IRF9Z20 Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRF9Z20 VISHAY-IRF9Z20 Datasheet
161Kb / 8P
   Power MOSFET
01-Jan-2022
IRF9Z20PBF VISHAY-IRF9Z20PBF Datasheet
161Kb / 8P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRF9Z20

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com