전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1480DH 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1480DH
상세설명  N-Channel 100 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1480DH 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1480DH Datasheet HTML 1Page - Vishay Siliconix SI1480DH Datasheet HTML 2Page - Vishay Siliconix SI1480DH Datasheet HTML 3Page - Vishay Siliconix SI1480DH Datasheet HTML 4Page - Vishay Siliconix SI1480DH Datasheet HTML 5Page - Vishay Siliconix SI1480DH Datasheet HTML 6Page - Vishay Siliconix SI1480DH Datasheet HTML 7Page - Vishay Siliconix SI1480DH Datasheet HTML 8Page - Vishay Siliconix SI1480DH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 67327
S12-2727-Rev. A, 12-Nov-12
www.vishay.com
3
Vishay Siliconix
Si1480DH
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 5 V
V
GS = 10 V thru 6 V
V
GS = 3 V
0.000
0.100
0.200
0.300
0.400
0.500
0
1
2
3
4
5
6
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
1
2
3
4
Q
g - Total Gate Charge (nC)
V
DS = 80 V
V
DS = 25 V
V
DS = 50 V
I
D = 2.7 A
Transfer Characteristics Curves vs. Temperature
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0.0
1.0
2.0
3.0
4.0
5.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25
°C
T
C = 125
°C
T
C = - 55
°C
0
40
80
120
160
200
0
4
8
12
16
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (
°C)
V
GS = 4.5 V
V
GS = 10 V
I
D = 1.9 A


유사한 부품 번호 - SI1480DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1480DH VISHAY-SI1480DH Datasheet
252Kb / 12P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI1480DH VISHAY-SI1480DH_V01 Datasheet
252Kb / 12P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1480DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com