전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8441DB 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 SI8441DB
상세설명  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8441DB 데이터시트(HTML) 8 Page - Vishay Siliconix

  SI8441DB Datasheet HTML 1Page - Vishay Siliconix SI8441DB Datasheet HTML 2Page - Vishay Siliconix SI8441DB Datasheet HTML 3Page - Vishay Siliconix SI8441DB Datasheet HTML 4Page - Vishay Siliconix SI8441DB Datasheet HTML 5Page - Vishay Siliconix SI8441DB Datasheet HTML 6Page - Vishay Siliconix SI8441DB Datasheet HTML 7Page - Vishay Siliconix SI8441DB Datasheet HTML 8Page - Vishay Siliconix SI8441DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 74668
S-82119-Rev. C, 08-Sep-08
Vishay Siliconix
Si8441DB
PACKAGE OUTLINE
MICRO FOOT: 6-BUMP (2 x 3, 0.5 mm PITCH)
Notes (Unless Otherwise Specified):
1. All dimensions are in millimeters.
2. Six (6) solder bumps are lead (Pb)-free 95.5Sn, 3.8Ag, 0.7Cu with diameter
∅ 0.30 to 0.32 mm.
3. Backside surface is coated with a Ti/Ni/Ag layer.
4. Non-solder mask defined copper landing pad.
5.
· is location of Pin 1.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74668.
e
e
S
S
D
D
S
G
A
B
C
1
2
Recommended Land
E
e
Mark on Backside of Die
s
XXX
8441
s
e
6 x Ø 0.24 to 0.26 Note 3
Solder Mask ~ Ø 0.25
Bump Note 2
6 x Ø b
Dim.
Millimetersa
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.510
0.575
0.590
0.0201
0.0224
0.0232
A1
0.220
0.250
0.280
0.0087
0.0098
0.0110
A2
0.290
0.300
0.310
0.0114
0.0118
0.0122
b
0.300
0.310
0.320
0.0118
0.0122
0.0126
e
0.500
0.0197
s
0.230
0.250
0.270
0.0090
0.0098
0.0106
D
0.920
0.960
1.000
0.0362
0.0378
0.0394
E
1.420
1.460
1.500
0.0559
0.0575
0.0591


유사한 부품 번호 - SI8441DB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8441 SILABS-SI8441 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
Si8441 SILICONIMAGE-Si8441 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8441 SILABS-SI8441 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441 ETC2-SI8441 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8441-A-IS SILABS-SI8441-A-IS Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results

유사한 설명 - SI8441DB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com