전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8475EDB 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI8475EDB
상세설명  P-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8475EDB 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button SI8475EDB Datasheet HTML 3Page - Vishay Siliconix SI8475EDB Datasheet HTML 4Page - Vishay Siliconix SI8475EDB Datasheet HTML 5Page - Vishay Siliconix SI8475EDB Datasheet HTML 6Page - Vishay Siliconix SI8475EDB Datasheet HTML 7Page - Vishay Siliconix SI8475EDB Datasheet HTML 8Page - Vishay Siliconix SI8475EDB Datasheet HTML 9Page - Vishay Siliconix SI8475EDB Datasheet HTML 10Page - Vishay Siliconix SI8475EDB Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Si8475EDB
www.vishay.com
Vishay Siliconix
S15-1692-Rev. D, 20-Jul-15
7
Document Number: 65651
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient (1" x 1" FR4 Board with Full Copper)
Normalized Thermal Transient Impedance, Junction-to-Ambient (1" x 1" FR4 Board with Minimum Copper)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65651.
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10-3
10-2
0
0
0
1
0
1
1
10-1
100
0.2
0.1
0.05
0.02
Square Wave Pulse Duration (s)
1
0.1
0.01
Duty Cycle = 0.5
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 175 °C/W
3. TJM - TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Single Pulse


유사한 부품 번호 - SI8475EDB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI8472DB VISHAY-SI8472DB Datasheet
132Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 11-Jul-11
SI8472DB VISHAY-SI8472DB Datasheet
159Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8472DB-T2-E1 VISHAY-SI8472DB-T2-E1 Datasheet
132Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 11-Jul-11
SI8472DB VISHAY-SI8472DB_V01 Datasheet
159Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8473EDB VISHAY-SI8473EDB Datasheet
254Kb / 12P
   P-Channel 20 V (D-S) MOSFET
Rev. D, 20-Jul-15
More results

유사한 설명 - SI8475EDB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com