전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4831BDY 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI4831BDY
상세설명  P-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4831BDY 데이터시트(HTML) 7 Page - Vishay Siliconix

  SI4831BDY Datasheet HTML 1Page - Vishay Siliconix SI4831BDY Datasheet HTML 2Page - Vishay Siliconix SI4831BDY Datasheet HTML 3Page - Vishay Siliconix SI4831BDY Datasheet HTML 4Page - Vishay Siliconix SI4831BDY Datasheet HTML 5Page - Vishay Siliconix SI4831BDY Datasheet HTML 6Page - Vishay Siliconix SI4831BDY Datasheet HTML 7Page - Vishay Siliconix SI4831BDY Datasheet HTML 8Page - Vishay Siliconix SI4831BDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 70483
S09-0394-Rev. B, 09-Mar-09
www.vishay.com
7
Vishay Siliconix
Si4831BDY
MOSFETS TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
0
1
10
1
10-1
10-4
100
Square Wave Pulse Duration (s)
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
Single Pulse
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
0.01
0.1
1
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.01
0.05
0.02
Single Pulse


유사한 부품 번호 - SI4831BDY

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4831 SILABS-SI4831 Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831 SILABS-SI4831 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results

유사한 설명 - SI4831BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4833BDY VISHAY-SI4833BDY Datasheet
206Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. B, 15-Aug-11
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
71061 VISHAY-71061 Datasheet
70Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 10-Oct-99
SI4837DY VISHAY-SI4837DY Datasheet
57Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Jul-01
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com