전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7454CDP 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI7454CDP
상세설명  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7454CDP 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI7454CDP Datasheet HTML 1Page - Vishay Siliconix SI7454CDP Datasheet HTML 2Page - Vishay Siliconix SI7454CDP Datasheet HTML 3Page - Vishay Siliconix SI7454CDP Datasheet HTML 4Page - Vishay Siliconix SI7454CDP Datasheet HTML 5Page - Vishay Siliconix SI7454CDP Datasheet HTML 6Page - Vishay Siliconix SI7454CDP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 65940
S10-0784-Rev. A, 05-Apr-10
www.vishay.com
3
Vishay Siliconix
Si7454CDP
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
01
2
3
45
VGS =10Vthru 5V
VGS =3 V
VGS =4V
VDS - Drain-to-Source Voltage (V)
0.000
0.012
0.024
0.036
0.048
0.060
0
8
16
24
32
40
VGS =4.5 V
VGS =7.5 V
VGS =10V
ID - Drain Current (A)
0
2
4
6
8
10
0.0
2.7
5.4
8.1
10.8
13.5
ID =10A
VDS =25V
VDS =50V
VDS =75V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
200
400
600
800
1000
0
20406080
100
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID =10A
VGS =4.5 V
VGS =10V
TJ - Junction Temperature (°C)


유사한 부품 번호 - SI7454CDP

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI7454DDP TFUNK-SI7454DDP Datasheet
345Kb / 13P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI7454DDP VISHAY-SI7454DDP Datasheet
347Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jun-12
SI7454DDP-T1-GE3 VISHAY-SI7454DDP-T1-GE3 Datasheet
366Kb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7454DDP VISHAY-SI7454DDP_V01 Datasheet
366Kb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7454DP VISHAY-SI7454DP Datasheet
48Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 14-May-01
More results

유사한 설명 - SI7454CDP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com