전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10834CIN 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC10834CIN
상세설명  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10834CIN 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10834CIN Datasheet HTML 2Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 3Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 4Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 5Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 6Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 7Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 8Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 9Page - National Semiconductor (TI) ADC10834CIN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Electrical Characteristics (Continued)
The following specifications apply for Va e AVa e DVa ea50 VDC VREFa ea4096 VDC VREFb e VIN e GND
Vb eb50 VDC and fCLK e 25 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX
all other limits TA e TJ ea25 C (Note 16)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
AC CHARACTERISTICS
fCLK
Clock Frequency
30
25
MHz(max)
5
kHz(min)
Clock Duty Cycle
40
%(min)
60
%(max)
tC
Conversion Time
12
12
Clock
Cycles
5
5
m
s(max)
tA
Acquisition Time
45
45
Clock
Cycles
2
2
m
s(max)
tSCS
CS Set-Up Time Set-Up Time from Falling Edge of
14
30
ns(min)
CS to Rising Edge of Clock
(1 tCLK
(1 tCLK
(max)
b
14 ns)
b
30 ns)
tSDI
DI Set-Up Time Set-Up Time from Data Valid on
16
25
ns(min)
DI to Rising Edge of Clock
tHDI
DI Hold Time Hold Time of DI Data from Rising
2
25
ns(min)
Edge of Clock to Data not Valid on DI
tAT
DO Access Time from Rising Edge of CLK When
30
50
ns(min)
CS is ‘‘Low’’ during a Conversion
tAC
DO or SARS Access Time from CS Delay from
30
70
ns(max)
Falling Edge of CS to Data Valid on DO or SARS
tDSARS
Delay from Rising Edge of Clock to Falling Edge of
100
200
ns(max)
SARS when CS is ‘‘Low’’
tHDO
DO Hold Time Hold Time of Data on DO after
20
45
ns(max)
Falling Edge of Clock
tAD
DO Access Time from Clock Delay from Falling
40
80
ns(max)
Edge of Clock to Valid Data of DO
t1H t0H
Delay from Rising Edge of CS to DO or SARS
40
50
ns(max)
TRI-STATE
tDCS
Delay from Falling Edge of Clock to Falling Edge of
20
30
ns(min)
CS
tCS(H)
CS ‘‘HIGH’’ Time for AD Reset after Reading of
1 CLK
1 CLK
cycle(min)
Conversion Result
tCS(L)
ADC10731 Minimum CS ‘‘Low’’ Time to Start a
1 CLK
1 CLK
cycle(min)
Conversion
tSC
Time from End of Conversion to CS Going ‘‘Low’’
5 CLK
5 CLK
cycle(min)
tPD
Delay from Power-Down command to 10% of
1
m
s
Operating Current
tPC
Delay from Power-Up Command to Ready to Start
10
m
s
a New Conversion
CIN
Capacitance of Logic Inputs
7
pF
COUT
Capacitance of Logic Outputs
12
pF
6


유사한 부품 번호 - ADC10834CIN

제조업체부품명데이터시트상세설명
logo
MPS Industries, Inc.
ADC108 MPSIND-ADC108 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

유사한 설명 - ADC10834CIN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com