전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10838CIWM 데이터시트(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC10838CIWM
상세설명  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10838CIWM 데이터시트(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC10838CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10838CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Electrical Characteristics (Continued)
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur
Note 2
Operating Ratings indicate conditions for which the device is functional but do not guarantee specific performance limits For guaranteed specifcations and
test conditions see the Electrical Characteristics The guaranteed specifications apply only for the test conditions listed Some performance characteristics may
degrade when the device is not operated under the listed test conditions
Note 3
All voltages are measured with respect to GND unless otherwise specified
Note 4
When the input voltage (VIN) at any pin exceeds the power supplies (VIN k Vb or VIN l AVa or DVa) the current at that pln should be limited to 30 mA
The 120 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 30 mA to four
Note 5
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax iJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD e (TJmax b TA) iJA or the number given In the Absolute Maximum Ratings whichever is lower For this
device TJmax e 150 C The typical thermal resistance (iJA) of these Paris when board mounted can be found in the following table
Part Number
Thermal Resistance
Package Type
ADC10831CIN
82 CW
N16E
ADC10831CIWM
90 CW
M16B
ADC10832CIN
47 CW
N20A
ADC10832CIWM
80 CW
M20B
ADC10834CIN
47 CW
N20A
ADC10834CIWM
80 CW
M20B
ADC10838CIN
60 CW
N24A
ADC10838CIWM
75 CW
M24B
Note 6
The human body model is a 100 pF capacitor discharged through a 15 kX resistor into each pin The machine model is a 200 pF capacitor discharged
directly into each pin
Note 7
See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ or the section titied ‘‘Surtace Mount’’ found in any post 1986 National
Semiconductor Linear Data Book for other methods of soldering surtace mount devices
Note 8
Two on-ohip diodes are tied to each analog input as shown below They will forward-conduct for analog input voltages one diode drop below Vb or one
diode drop greater than Va supply Be careful during testing at low Va and Vb levels (g45V) as high level analog inputs (g5V) can cause an input diode to
conduct especially at elevated temperatures which will cause errors In the conversion result The specification allows 50 mV forward bias of either diode this
means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV the output code will be oorrect Exceeding this range on an
unselected channel will corrupt the reading of a selected channel If AVa and DVa are minimum (45 VDC) and Vb is a maximum (b45 VDC) full scale must be
s g
455 VDC
TLH11391 – 6
Note 9
No connection exists between AVa and DVa on the chip
To guarantee accuracy it is required that the AVa and DVa be connected together to a power supply with separate bypass filter at eacn Va pin
Note 10
One LSB is referenced to 10 bits of resolution
Note 11
Typicals are at TJ e TA e 25 C and represent most likely pararmetric norm
Note 12
Tested limits are guaranteed to National’s AOQL (Average Outgolng Quality Level)
Note 13
Total unadjusted error includes offset full-scale linearity multiplexer and hold step errors
Note 14
The DC common-mode error is measured in the differential multiplexer mode with the assigned positive and negative input channels shorted together
Note 15
Channel leakage current is measured after the channel selection
Note 16
All the timing specifications are tested at the TTL logic levels VIL e 08V for a falling edge and VIH e 20V for a rising TRl-STATE voltage level is forced
to 14V
Note 17
The voltage applied to the digital inputs will affect the current drain during power down These devices are tested with CMOS logic levels (logic Low e 0V
and logic High e 5V) TTL levels increase the power down current to about 300 mA
7


유사한 부품 번호 - ADC10838CIWM

제조업체부품명데이터시트상세설명
logo
MPS Industries, Inc.
ADC108 MPSIND-ADC108 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

유사한 설명 - ADC10838CIWM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com